Electronic Components Datasheet Search
  English  ▼

X  

PSEWITHCABLE Datasheet(PDF) 3 Page - Schurter Inc.

Part # PSEWITHCABLE
Description  Piezo Switch N.O.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PSEWITHCABLE Datasheet(HTML) 3 Page - Schurter Inc.

  PSEWITHCABLE Datasheet HTML 1Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 2Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 3Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Metal Line Switches
PSE with cable
https://www.schurter.com /PG70
Switches
Design actuating area
3)
F)
E)
Legend:
A = Illumination Area
B = Width Across Flats
E) without finger guidance
F) with finger guidance (on request)
3) elevated front design: M19 (standard and others on request)
Dimension
PSE 22 RGB
Ø 22.3
Drilling diagram
PSE M30 RGB
Ø 30.3
Drilling diagram
Diagrams
PSE with cable
NO
A)
++ +
−
B)
C)
E)
F)
D)
A)Pink cable - red LED
B)Green cable - green LED
C)Yellow cable - blue LEDD) Cable 4 brown
E) Cable 5/6 white
F) Cable 5/6 grey
Illumination options for RGB
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Blue
Multicolor RGB Additive 2
A
B
Yellow
Multicolor RGB Additive 2
A
C
Magenta
Multicolor RGB Additive 2
B
C
Cyan
Multicolor RGB Additive 3
A
B
C
White
Cable specification
Cable rolled up to a diameter of ca. 200mm. Ends 100-200mm loose.
100-200
ø 200
100-200
Cable PUR black
6 x 0.25mm2
Lenght: 1500mm +/- 50mm
Wire colors: white / grey / brown / pink / green / yellow
End: 25mm dismanteled
4mm stripped and tin coated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com