Electronic Components Datasheet Search
  English  ▼

X  

PSEWITHCABLE Datasheet(PDF) 4 Page - Schurter Inc.

Part # PSEWITHCABLE
Description  Piezo Switch N.O.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PSEWITHCABLE Datasheet(HTML) 4 Page - Schurter Inc.

  PSEWITHCABLE Datasheet HTML 1Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 2Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 3Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Metal Line Switches
PSE with cable
https://www.schurter.com /PG70
Switches
All Variants
Mounting Dia-
meter [mm]
Terminal
Housing Material, Tor-
sion Protection
Colour of Hou-
sing
Actuator area
Illumination, LED
Config. Code
Order Number
22
PUR cable
Stainless Steel ,no
-
E
RI, RGB
PSE M 22 NO RI
3-105-290
30
PUR cable
Stainless Steel ,no
-
E
RI, RGB
PSE M 30 NO RI
3-102-521
Nut with gasket are enclosed in the box.
Other mounting diameters, materials, colors, connections, supply voltages possible available on request.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Legend:
Type: PSE
NO = normaly open
RI = Ring Illumination
ES = Stainless steel
F = Finger guidance
E = without finger guidance
Packaging unit
1 in box with insert or packed in air cushion bags
- Actuating elements in ESD safe packaging
- Screw nuts and sealing O-ring in a bag (enclosed in the box)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com