Electronic Components Datasheet Search
  English  ▼

X  

PSEWITHCABLE Datasheet(PDF) 1 Page - Schurter Inc.

Part # PSEWITHCABLE
Description  Piezo Switch N.O.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PSEWITHCABLE Datasheet(HTML) 1 Page - Schurter Inc.

  PSEWITHCABLE Datasheet HTML 1Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 2Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 3Page - Schurter Inc. PSEWITHCABLE Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Metal Line Switches
PSE with cable
https://www.schurter.com /PG70
Switches
Piezo Switch N.O.
PSE M22 with cable PUR
PSE M30
See below:
Approvals and Compliances
Description
- Designed for IP67 applications
- Tight housing, potted PUR-Cable
- Switch with Ring Illumination
- PUR-Cable with 15m length
- RGB: flexible input voltage 5 - 28 VDC at constant brightness
- 7 possible colors with RGB configuration
Unique Selling Proposition
- Designed for IP67 applications
- Waterproof from the front surface to the connection point
- High quality PUR cable 15m
- RGB illumination and variable input voltage
Characteristics
- Housing material: stainless steel 1.4462, ring illumination made of poly-
amide
- For use in harsh environments, both indoors and outdoors (see techni-
cal data)
Other versions on request
- Switch for longer switching signal duration, type: PSE IV
- Switch for explosion proof applications, type: PSE EX
- Switch with enhanced vandal proof protection, type: PSE HI
References
Alternative: switch vandal improved: PSE HI 22
Alternative: switch for EX-proof applications:
Alternative: Other diameter
Alternative: switch with prolonged signal: PSE AE 16; PSE AE
30; PSE IV 19
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product
Technical Data
Electrical Data
Switching Function
momentary
Supply Voltage RGB
5 - 28 VDC
Switching Voltage
max. 42 / 60 VAC/DC
Switching Current
max. 100 mA
Electrical Rating
1 W
Lifetime
20 million actuations at Rated Switching
Capacity
Switch Resistance OFF
> 10 M
Ω
Switch Resistance ON
< 20
Ω actuated (Ta = 25°C)
Capacity
5 nF
N.O. Closing Impulse Duration 20- 1000 ms depending on actuating
force, time and speed
Contact Configuration
free polarity
RGB Illumination
Current Consumtion (max per
color)
16.5 mA @ 5 VDC
8.2 mA @ 12 VDC
5.5 mA @ 24 VDC
4.8 mA @ 28 VDC
Mechanical Data
Actuating Force
≤ 3 N at ambient temperature
Actuating Travel
0.002 mm
Shock Protection
IK02
Mounting screw torque
2.5 Nm
Climatical Data
Operating Temperature
-40 to 85 °C
Storage Temperature
-40 to 85 °C
IP-Protection
IP67 acc. to IEC 60529, IP69K acc. to
DIN 40050-9
Environmental Assessment
+55°C␣/ 93% r.h. acc. to DIN EN
60068-2-30
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housing (depending on type)
Stainless Steel 1.4462
Actuating Area / Insert (with
Ring Illumination)
Stainless Steel 1.4462
Illuminated Ring (Ring Illumi-
nation)
Polyamide
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - PSEWITHCABLE

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-1000 CUI-PSE-1000 Datasheet
340Kb / 4P
AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1000-54 CUI-PSE-1000-54 Datasheet
340Kb / 4P
AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSEWITHCABLE

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO22 SCHURTER-PSENO22_18 Datasheet
1Mb / 8P
Piezo Switch N.O.
PSEIV22 SCHURTER-PSEIV22 Datasheet
1Mb / 7P
Piezo Switch Prolonged Signal
PSENO16 SCHURTER-PSENO16 Datasheet
696Kb / 6P
Piezo Switch N.O.
PSENO30 SCHURTER-PSENO30 Datasheet
890Kb / 7P
Piezo Switch N.O.
PSEIV30 SCHURTER-PSEIV30 Datasheet
788Kb / 6P
Piezo Switch Prolonged Signal
PSEIV16 SCHURTER-PSEIV16_V02 Datasheet
706Kb / 5P
Piezo Switch Prolonged Signal
05.01.2022
PSENO16 SCHURTER-PSENO16_V02 Datasheet
668Kb / 5P
Piezo Switch N.O.
05.01.2022
PSENO30 SCHURTER-PSENO30_V01 Datasheet
892Kb / 7P
Piezo Switch N.O.
05.01.2022
PSEIV30 SCHURTER-PSEIV30_V01 Datasheet
780Kb / 6P
Piezo Switch Prolonged Signal
05.01.2022
PSENO22 SCHURTER-PSENO22_V01 Datasheet
1Mb / 8P
Piezo Switch N.O.
07.02.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com