Electronic Components Datasheet Search
  English  ▼

X  

SMI12 Datasheet(PDF) 2 Page - CUI INC

Part # SMI12
Description  EXTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI12 Datasheet(HTML) 2 Page - CUI INC

  SMI12 Datasheet HTML 1Page - CUI INC SMI12 Datasheet HTML 2Page - CUI INC SMI12 Datasheet HTML 3Page - CUI INC SMI12 Datasheet HTML 4Page - CUI INC SMI12 Datasheet HTML 5Page - CUI INC SMI12 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 08/12/2021
│ page 2 of 6
CUI Inc
│ SERIES: SMI12 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.5
A
leakage current
at nominal ac input voltage and frequency
0.25
mA
no load power consumption
0.075
W
OUTPUT
parameter
conditions/description
min
typ
max
units
load regulation
5
%
start-up time
at nominal ac input voltage
3
s
rise time
at nominal input voltage
100
ms
hold-up time
at nominal input voltage
5
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short-circuit protection
auto recovery
over-voltage protection
12
V
over-current protection
auto recovery
3
A
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
10mA for 1 minute
3,000
Vac
safety approvals
UL/cUL, CE, RCM & PSE, UKCA
EMI/EMC
EN 55032:2015, EN 55034:2010+A1:2015, FCC
MTBF
as per Telcordia SR-332, Issue 2 at 115/230 Vac,
full load, 0~40°C
50,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
40
°C
storage temperature
-30
60
°C
operating humidity
20
85
%
storage humidity
5
95
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com