Electronic Components Datasheet Search
  English  ▼

X  

SMI12 Datasheet(PDF) 1 Page - CUI INC

Part # SMI12
Description  EXTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI12 Datasheet(HTML) 1 Page - CUI INC

  SMI12 Datasheet HTML 1Page - CUI INC SMI12 Datasheet HTML 2Page - CUI INC SMI12 Datasheet HTML 3Page - CUI INC SMI12 Datasheet HTML 4Page - CUI INC SMI12 Datasheet HTML 5Page - CUI INC SMI12 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 08/12/2021
page 1 of 6
SERIES: SMI12
│ DESCRIPTION: EXTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMI12-5
5
2
10
200
VI
SMI12-9
9
1.33
11.97
300
VI
SMI12-12
12
1
12
300
VI
FEATURES
• up to 12 W continuous power
• DoE Level VI, CoC Tier 2 efficiency
• universal input voltage range
• interchangeable Ac blades for global use
• over voltage, over current, and short circuit protections
• UL/cUL, CE, PSE, RCM & FCC safety approvals
• IEC 62368 certified
• white and black case options
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SMI12 - XX - X X - XXX - CXX
See output plug
options on page 5
Output Voltage
Case Color:
B = black
W = white
Blades:
V = North America, Europe,
United Kingdom, Australia, and
China blade included
4 = North America, Europe,
United Kingdom and Australia blade
included
N = North America blade included
E = Europe blade included
B = United Kingdom blade included
A = Australia blade included
C = China blade included
K = No blades included
Additional Resources: Product Page | 3D Model


Similar Part No. - SMI12

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SMI120N32E2 SILIKRON-SMI120N32E2 Datasheet
1Mb / 9P
High blocking voltage with low on-resistance
SMI120N40E2 SILIKRON-SMI120N40E2 Datasheet
2Mb / 9P
High blocking voltage with low on-resistance
SMI120N75E21 SILIKRON-SMI120N75E21 Datasheet
2Mb / 9P
High blocking voltage
SMI120N75E22 SILIKRON-SMI120N75E22 Datasheet
1Mb / 8P
High blocking voltage with low on-resistance
More results

Similar Description - SMI12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
External excitation flyback AC-DC switching power supply control IC
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
CUI INC
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com