Electronic Components Datasheet Search
  English  ▼

X  

SMI12 Datasheet(PDF) 4 Page - CUI INC

Part # SMI12
Description  EXTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI12 Datasheet(HTML) 4 Page - CUI INC

  SMI12 Datasheet HTML 1Page - CUI INC SMI12 Datasheet HTML 2Page - CUI INC SMI12 Datasheet HTML 3Page - CUI INC SMI12 Datasheet HTML 4Page - CUI INC SMI12 Datasheet HTML 5Page - CUI INC SMI12 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 08/12/2021
│ page 4 of 6
CUI Inc
│ SERIES: SMI12 │ DESCRIPTION: AC-DC POWER SUPPLY
DC CORD
MODEL NO.
CABLE
CORD LENGTH
SMI12-5
20 AWG/2C 2468
1,500 mm ±50
SMI12-9
22 AWG/2C 2468
1,500 mm ±50
SMI12-12
24 AWG/2C 2468
1,500 mm ±50
units: mm
Table 1
cord length
DC PLUG TYPE PART NUMBER KEY
X X X
Plug Code:
X = Choose a code from the
options below
Plug Angle:
“blank” = Straight
R = Right Angle
Plug Polarity:
P = Center Positive
N = Center Negative
Plug Polarity
Code
Dimensions (mm)
Plug Angle
Center Pos. Center Neg. Option
Type
A
B
C
Straight
Right
●
●
5
Standard
5.5
2.1
9.5
●
●
●
●
6
Standard
5.5
2.5
9.5
●
●
●
●
7
Standard
3.5
1.35
9.5
●
●
●
●
10
Locking
5.5
2.1
9.5
●
N/A
●
●
11
Locking
5.5
2.5
9.5
●
N/A
●
●
12
EIAJ-1
2.35
0.7
9.5
●
●
●
●
13
EIAJ-2
4.0
1.7
9.5
●
●
●
●
14
EIAJ-3
4.75
1.7
9.5
●
●
N/A
N/A
CUB
USB
USB Type C
●
N/A
N/A
N/A
MUB
USB
Micro USB Type B
●
N/A
Note:
1. Contact CUI for additional plug options
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com