Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC6752
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 26Page - Analog Devices LTC6752 Datasheet HTML 27Page - Analog Devices LTC6752 Datasheet HTML 28Page - Analog Devices LTC6752 Datasheet HTML 29Page - Analog Devices LTC6752 Datasheet HTML 30Page - Analog Devices LTC6752 Datasheet HTML 31Page - Analog Devices LTC6752 Datasheet HTML 32Page - Analog Devices LTC6752 Datasheet HTML 33Page - Analog Devices LTC6752 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC6563
34
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020-2022
03/22
www.analog.com
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTC6560
1-Channel Transimpedance Amp with Output Muxing
220MHz, 74kΩ Transimpedance S/E Output
LTC6561
4-Channel Transimpedance Amp with Output Muxing
220MHz, 74kΩ Transimpedance S/E Output
AD8465
Single-Supply LVDS Comparator
1.6ns Propagation Delay
ADCMP604
Single-Supply LVDS Comparator
1.6ns Propagation Delay
LTC6754
High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
1.8ns Propagation Delay
LTC6752
280MHz Comparator
2.9ns Propagation Delay
LTC6268
500MHz Ultra Low Bias Current FET Input Op Amp
GBW = 500MHz, –3dB BW = 350MHz, Ib = ±3FA
LTC6268-10
4GHz Ultra Low Bias Current FET Input Op Amp
De-Comped Version of the LTC6268, GBW = 4GHz
LTC6409
10GHz Bandwidth, 1.1nV/√Hz Differential Amplifier/ADC Driver
GBW = 10GHz, en = 1.1nV/√Hz
AD9094
8-Bit, 1 GSPS, JESD204B, Quad Analog-to-Digital Converter
4x JESD204B
AD9694
Quad 14-Bit, 500Msps, 1.2V/2.5V ADC
4x JESD204B
LT8331
Low IQ Boost/SEPIC/Flyback/Inverting Converter
0.5A, 140V Switch
LT8365
Low IQ Boost/SEPIC/Inverting Converter
1.5A, 150V Switch
Typical Application with DC-Coupled Inputs Driving an ADC
100
100
AD9094
VCM
3.3V
3.3V
MULTIPLE LTC6563's
0.1µF
V–
OUT(2)
TERM(2)
OUT(2)
TERM(2)
APD
ARRAY
OMUX(2)
3.3V
IN1
IN2
IN3
IN4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT
CLAMPS
LO
HI
BIAS
CTRL
CM
CTRL
50
50
GND
VCCI VCCO
6563 TA02
0.1µF
+
–
LTC6563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com