Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC6752
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 19Page - Analog Devices LTC6752 Datasheet HTML 20Page - Analog Devices LTC6752 Datasheet HTML 21Page - Analog Devices LTC6752 Datasheet HTML 22Page - Analog Devices LTC6752 Datasheet HTML 23Page - Analog Devices LTC6752 Datasheet HTML 24Page - Analog Devices LTC6752 Datasheet HTML 25Page - Analog Devices LTC6752 Datasheet HTML 26Page - Analog Devices LTC6752 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC6563
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
In applications where the LTC6563 is to drive an ADC,
this is useful in matching the TIA output(s) to the ADC
analog input CM. This effectively eliminates the need for
a separate ADC-driver which saves cost, power, as well
as board complexity and real estate.
The CM servo loop operates by varying the CM CTRL vari-
able resistor internal to the LTC6563 such that VCMO, aver-
age of VOUT and VOUTBAR voltages or (VOUT + VOUTBAR)/2,
matches the voltage applied to the CM. The loop will NOT
function unless two conditions are met:
1. PWRMD must be set HI to activate the CM circuit.
2. OUT and OUT must have a DC connection to TERM
and TERM respectively.
The internal 50Ω resistor(s) on the TERM and TERM
pins provide a current path for CM servo functionality
and serve as the load for the LTC6563’s current mode
output. Driving 50Ω terminated transmission lines or
other impedance-matched loads is easily done using
these internal resistors.
When using the output MUXing capability with multiple
LTC6563’s, such as the schematic shown in Figure 6, only
one pair of TERM and TERMBAR pins should be connected
to the OUT and OUT. The device with the connected TERM
and TERM will then set the CM for the MUX’ed devices.
Determining the CM Range
CM servo loop’s voltage range is easily calculated using
Ohm’s law, as the output circuit can be described as a pair
of current sources and a resistor network (see Figure 8).
The amount of current supplied by the OUT and OUT cur-
rent sources is determined by the ADJ setting, and the
impedance at the output pins is determined by the internal
and external resistor networks. These factors will deter-
mine the range of possible DC voltages at the outputs.
Figure 7. Typical Connection for CM Control/ADC Driving
4.99
4.99
4.99
4.99
4.99
4.99
4pF
4pF
4pF
100
100
0.1µF
50 TRANSMISSION LINE
200 DIFF INPUT
6563 F07
R
R
OMUX
OUT
OUT
TERM
TERM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
BIAS
CTRL
50
50
IO CTRL
IO CTRL
VCC
LTC6563
OUTPUT SECTION
CM
0.1µF
CM
×2
×1
OUTPUT
CLAMPS
LO
HI
CM CONROL
LOOP
HI CTRL
+
–
+
–
50 TRANSMISSION LINE
AD9094
VCM
I1
I2
50
50
RCM
RADC
200
R1
100
R2
100
OUT
OUT
TERM
TERM
LTC6563
6563 F08
VCC
VCC
2 TO
OPEN
Figure 8. Equivalent Circuit for Driving an ADC with
no GND (CM Referenced) External Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com