Electronic Components Datasheet Search
  English  ▼

X  

LTC6752 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6752
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 9Page - Analog Devices LTC6752 Datasheet HTML 10Page - Analog Devices LTC6752 Datasheet HTML 11Page - Analog Devices LTC6752 Datasheet HTML 12Page - Analog Devices LTC6752 Datasheet HTML 13Page - Analog Devices LTC6752 Datasheet HTML 14Page - Analog Devices LTC6752 Datasheet HTML 15Page - Analog Devices LTC6752 Datasheet HTML 16Page - Analog Devices LTC6752 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTC6563
13
Rev. 0
For more information www.analog.com
S22dd vs Frequency Over
Temperature
FREQUENCY (MHz)
0
250
500
750
1000 1250 1500
–40
–30
–20
–10
0
CIN,TOT = 4pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G60
125°C
85°C
25°C
–40°C
TYPICAL PERFORMANCE CHARACTERISTICS
Stability Factor K vs Frequency
Over Temperature
Pulse Response for Various IIN
CIN,TOT = 1pF, 2ns Pulse Width
Pulse Response for Various IIN
CIN,TOT = 1pF, 2ns Pulse Width
Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
Channel Switching Time
Channel Switching Time
OMUX Switching Time
OMUX Switching Time
FREQUENCY (MHz)
0
500
1000 1500 2000 2500 3000
0
1
10
100
1k
4k
UNCONDITIONALLY STABLE
POTENTIALLY UNSTABLE
CIN,TOT = 4pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G61
125°C
85°C
25°C
–40°C
TILT = 0V
TIME (1ns/DIV)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
6563 G62
21µA
65µA
87µA
109µA
427µA
1.2mA
2.2mA
TILT = 3.3V
TIME (1ns/DIV)
–1.2
–0.9
–0.6
–0.3
0.0
0.3
0.6
0.9
1.2
1.5
22µA
66µA
83µA
109µA
256µA
427µA
1.2mA
2.2mA
6563 G63
VOUTDIFF
VOUTCM
CH SWITCHING
IIN
PWRMD = LOGIC HI
20ns/DIV
0
0
6563 G64
IIN
20ns/DIV
0
0
VOUTDIFF
VOUTCM
CH SWITCHING
PWRMD = LOGIC LO
6563 G65
OMUX
IIN
25ns/DIV
0V
0
VOUTDIFF
VOUTCM
PWRMD = LOGIC LO
6563 G66
IIN
25ns/DIV
0V
0
OMUX
VOUTDIFF
VOUTCM
PWRMD = LOGIC HI
6563 G67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com