Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC7138
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7138 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC7138 Datasheet HTML 13Page - Analog Devices LTC7138 Datasheet HTML 14Page - Analog Devices LTC7138 Datasheet HTML 15Page - Analog Devices LTC7138 Datasheet HTML 16Page - Analog Devices LTC7138 Datasheet HTML 17Page - Analog Devices LTC7138 Datasheet HTML 18Page - Analog Devices LTC7138 Datasheet HTML 19Page - Analog Devices LTC7138 Datasheet HTML 20Page - Analog Devices LTC7138 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC7000A
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
7000A F06
TIMER
∆VSNS
V(TG-TS)
(TGUP SHORTED TO TGDN)
FAULT
>30mV
>30mV
<30mV
0.4V
1ST
1ST
31ST
32ND
INP
1.30V
1.40V
Figure 6. Auto Retry with INP Cycling Low
Fast Turn-Off Mode
If the TIMER pin is connected to VCC or any other supply
greater than 3.5V (abs max 15V), an overcurrent event
will immediately pull TGDN to TS and the LTC7000A/
LTC7000A-1 will remain there until the INP signal has
cycled low and then back high. In fast turn-off mode, the
typical delay from a ΔVSNS overcurrent step to TG going
low is around 70ns, so very fast short-circuit events can
be detected. Also, when the TIMER pin is connected to a
voltage greater than 3.5V, the FAULT signal is redefined to
be the inverse state of the high side pull-up (VTGUP – VTS).
The FAULT signal can be used in this application as low-
voltage digital information that has been level shifted
down from the high side MOSFET. An application for this
could include using this signal to wait until VTGUP–VTS has
gone low before turning on a redundant power MOSFET.
High Side Current Monitor Output (LTC7000A Only)
The LTC7000A contains a high side current monitor output.
The high side differential voltage sensed across the SNS+
and SNS– pins (ΔVSNS) is multiplied by 20 and ground
referenced on the IMON pin which makes it suitable for
monitoring and regulating the MOSFET current. The work-
ing range of IMON is 0V to 1.5V as ΔVSNS varies from 0mV
to 75mV. The IMON pin is a voltage output whose nominal
output impedance is 100kΩ and should not be resistively
loaded. The current monitor output is only available after
the INP signal has been high for 0.5µs (typical), other-
wise the IMON pin is pulled to ground. A block diagram of
the IMON circuit is shown in Figure 7. The gm of the tran-
simpedance amplifier tracks the 100kΩ internal resistor
to ground which makes variations over process minimal.
IMON
gm = 200µA/V
7000A F07
LTC7000A
SNS+
SNS–
+
–
100k
INP
Figure 7. IMON Block diagram
RUN Pin and External Input Overvoltage/Undervoltage
Lockout (LTC7000A Only)
The RUN pin has two different threshold voltage levels.
Pulling RUN below 0.7V puts the LTC7000A into a low
quiescent current shutdown mode (IQ ~  1µA). When
the RUN pin is greater than 1.21V, the part is enabled.
Figure 8 shows examples of configurations for driving
the RUN pin from logic.
The RUN and OVLO pins can alternatively be configured
as precise undervoltage (UVLO) and overvoltage (OVLO)
lockouts on the VIN supply with a resistive divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com