Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC7138
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7138 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC7138 Datasheet HTML 22Page - Analog Devices LTC7138 Datasheet HTML 23Page - Analog Devices LTC7138 Datasheet HTML 24Page - Analog Devices LTC7138 Datasheet HTML 25Page - Analog Devices LTC7138 Datasheet HTML 26Page - Analog Devices LTC7138 Datasheet HTML 27Page - Analog Devices LTC7138 Datasheet HTML 28Page - Analog Devices LTC7138 Datasheet HTML 29Page - Analog Devices LTC7138 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTC7000A
26
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Average Current Trip
0.1µF
0.1µF
2
1
8
5
4
3
7
6
SNS+
SNS–
TGUP
TGDN
VIN
RUN
INP
7000A TA05a
LTC7000A
LTC1541
0.06
SI7738DP
LOAD
3.5V TO 135V
<1A AVERAGE
VIN
3.5V TO
135V
100k
+
–
+– 1.2V
1µF
RB
D
Q
500k
AMPOUT
400k
150k
3.3V
3.3V
VINP
249
GND
FAULT
VCC
VCCUV
TIMER
OVLO
1µF
BST
TS
IMON
ISET
VIN = 12V
Response to 1.2A Load Step
250ms/DIV
ILOAD
1A/DIV
VIMON
1V/DIV
VAMPOUT
2V/DIV
VLOAD
10V/DIV
7000A TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com