Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC7138
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7138 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC7138 Datasheet HTML 22Page - Analog Devices LTC7138 Datasheet HTML 23Page - Analog Devices LTC7138 Datasheet HTML 24Page - Analog Devices LTC7138 Datasheet HTML 25Page - Analog Devices LTC7138 Datasheet HTML 26Page - Analog Devices LTC7138 Datasheet HTML 27Page - Analog Devices LTC7138 Datasheet HTML 28Page - Analog Devices LTC7138 Datasheet HTML 29Page - Analog Devices LTC7138 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC7000A
27
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
4.7µF
0.47µF
LOAD
15mF
7V TO 60V
100nF
1µF
47µF
+ 1µF
SNS+
SNS–
TGUP
TGDN
BST
TS
IMON
ISET
RUN
VIN
VCC
VCCUV
FAULT
OVLO
INP
TIMER
7000A TA06
LTC7000A
0.003
IRFS4115PBF
7V TO 60V
(150V TOLERANT)
12.1k
590k
100k
220k
10
DFLS1150
100
GND
ON
OFF
High Side Switch with Auto-Retry, Inrush Control and OVLO
Turn-On Response
VIN = 48V
200ms/DIV
VINP
4V/DIV
VLOAD
20V/DIV
ILOAD
1A/DIV
7000A TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com