Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9694
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9694 Datasheet HTML 2Page - Analog Devices AD9694 Datasheet HTML 3Page - Analog Devices AD9694 Datasheet HTML 4Page - Analog Devices AD9694 Datasheet HTML 5Page - Analog Devices AD9694 Datasheet HTML 6Page - Analog Devices AD9694 Datasheet HTML 7Page - Analog Devices AD9694 Datasheet HTML 8Page - Analog Devices AD9694 Datasheet HTML 9Page - Analog Devices AD9694 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC6563
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
ISUPPLY vs VSUPPLY Over
Temperature
ISUPPLY vs VSUPPLY Over
Temperature
ISUPPLY vs VSUPPLY Over
Temperature
ISUPPLY vs VSUPPLY Over
Temperature
ICCI vs VCCI Over Temperature
ICCI vs VCCI Over Temperature
DC ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6563I is guaranteed to meet specified performance from
–40°C to 85°C.
Note 3: The LTC6563H is guaranteed to meet specified performance from
–40°C to 125°C.
Note 4: HI pin voltage should be at least 0.2V higher than VCM.
Note 5: This parameter is specified by design and/or characterization and
is not tested in production.
VSUPPLY (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
5
10
15
20
25
30
35
40
45
50
ISUPPLY = ICCI + ICCO
VSUPPLY = VCCI = VCCO
PWRMD = LOGIC LO
OMUX = LOGIC HI
ADJ = 00
125°C
85°C
25°C
–40°C
6563 G01
VSUPPLY (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
40
50
60
70
ISUPPLY = ICCI + ICCO
VSUPPLY = VCCI = VCCO
PWRMD = LOGIC LO
OMUX = LOGIC HI
ADJ = 01
125°C
85°C
25°C
–40°C
6563 G02
ISUPPLY = ICCI + ICCO
VSUPPLY = VCCI = VCCO
PWRMD = LOGIC LO
OMUX = LOGIC HI
ADJ = 10
125°C
85°C
25°C
–40°C
VSUPPLY (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
40
50
60
70
80
6563 G03
VSUPPLY (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
10
20
30
40
50
60
70
80
90
100
ISUPPLY = ICCI + ICCO
VSUPPLY = VCCI = VCCO
PWRMD = LOGIC LO
OMUX = LOGIC HI
ADJ = 11
125°C
85°C
25°C
–40°C
6563 G04
VCCI (V)
0 0.4 0.8
2
1.2 1.6
2.4 2.8 3.2 3.6
0
10
20
30
40
6563 G05
PWRMD = LOGIC HI
FOR ANY ADJ SETTING
OMUX TIED TO LOGIC HI
125°C
85°C
25°C
–40°C
VCCI (V)
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6
0
5
10
15
20
25
PWRMD = LOGIC LO
FOR ANY ADJ SETTING
OMUX TIED TO LOGIC HI
125°C
85°C
25°C
–40°C
6563 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com