Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9694
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 2 Page - Analog Devices

  AD9694 Datasheet HTML 1Page - Analog Devices AD9694 Datasheet HTML 2Page - Analog Devices AD9694 Datasheet HTML 3Page - Analog Devices AD9694 Datasheet HTML 4Page - Analog Devices AD9694 Datasheet HTML 5Page - Analog Devices AD9694 Datasheet HTML 6Page - Analog Devices AD9694 Datasheet HTML 7Page - Analog Devices AD9694 Datasheet HTML 8Page - Analog Devices AD9694 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC6563
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage:
VCCI to GND.........................................................3.6V
VCCO to GND ........................................................3.6V
Input Current (CHSEL0, CHSEL1, ADJ0, ADJ1,
PWRMD, OMUX, CM, HI, OFFSET, TILT) ......... ±10mA
Amplifier Inputs (IN1, IN2, IN3, IN4):
Voltage.................................................. –0.3V to 3.6V
Current.......................................... 10µA/–400mARMS
Current (Note 5).....................................–1A Transient
Amplifier Outputs (OUT, OUT):
Voltage.................................................. –0.3V to 3.6V
Current...........................................................±100mA
Amplifier Output Termination (TERM, TERM):
Voltage.................................................. –0.3V to 3.6V
Current....................................................–72mA/6mA
Operating Temperature Range:
LTC6563I (Note 2) ...............................–40°C to 85°C
LTC6563H (Note 3)............................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature ........................................... 150°C
(Note 1)
24 23 22 21
9 10
TOP VIEW
25
GND
UDDM PACKAGE
24-LEAD (3mm × 5mm) SIDE SOLDERABLE PLASTIC QFN
TJMAX = 150°C, θJC = 5°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
11 12
6
5
4
3
2
1
15
16
17
18
19
20
GND
IN4
GND
PWRMD
VCCI
OMUX
CM
HI
GND
IN1
GND
TILT
OFFSET
CHSEL0
VCCO
CHSEL1
14
7
13
8
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6563IUDDM#PBF
LTC6563IUDDM#TRPBF
LHMH
24-Lead (3mm × 5mm) Side Solderable Plastic QFN –40°C to 85°C
LTC6563HUDDM#PBF
LTC6563HUDDM#TRPBF LHMH
24-Lead (3mm × 5mm) Side Solderable Plastic QFN –40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com