Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9694
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9694 Datasheet HTML 6Page - Analog Devices AD9694 Datasheet HTML 7Page - Analog Devices AD9694 Datasheet HTML 8Page - Analog Devices AD9694 Datasheet HTML 9Page - Analog Devices AD9694 Datasheet HTML 10Page - Analog Devices AD9694 Datasheet HTML 11Page - Analog Devices AD9694 Datasheet HTML 12Page - Analog Devices AD9694 Datasheet HTML 13Page - Analog Devices AD9694 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTC6563
10
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
RT Transimpedance vs IIN
–3dB Bandwidth vs Temperature
Over CIN,TOT
–3dB Bandwidth vs Temperature
for Various ADJ Setttings
Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
–3dB Bandwidth vs Temperature
(Tilted) Over CIN,TOT
Peaking vs Temperature for
Various ADJ Setttings
Input-Referred Noise Density with
CIN,TOT = 0.5pF
Input-Referred Noise Density with
CIN,TOT = 2pF
Input-Referred Noise Density with
CIN,TOT = 4pF
Integrated Input-Referred Noise
vs Bandwidth Over Temperature
CIN,TOT = 0.5pF
IIN (µA)
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
30
35
40
45
50
TILT = 3.3V
ADJ = 11
6563 G34
125°C
85°C
25°C
–40°C
CIN,TOT = 0.5pF
CIN,TOT = 2pF
CIN,TOT = 4pF
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
200
300
400
500
600
700
800
6563 G35
CIN,TOT = 0.5pF
ADJ 00
ADJ 01
ADJ 10
ADJ 11
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
400
500
600
700
800
6563 G36
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
200
300
400
500
600
CIN,TOT = 0.5pF
CIN,TOT = 2pF
CIN,TOT = 4pF
6563 G37
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
0.5
1.0
1.5
2.0
2.5
CIN,TOT = 0.5pF
ADJ 00
ADJ 01
ADJ 10
ADJ 11
6563 G38
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
200
FOR ANY ADJ SETTING
6563 G39
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
300
FOR ANY ADJ SETTING
6563 G40
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
700
FOR ANY ADJ SETTING
6563 G41
125°C
85°C
25°C
–40°C
INTEGRATED STARTING FROM 100kHz
FREQUENCY (MHz)
100
200
300
400
500
600
0
80
70
60
50
40
30
20
10
FOR ANY ADJ SETTING
6563 G79
125°C
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com