Electronic Components Datasheet Search
  English  ▼

X  

LTC4231 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4231
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4231 Datasheet(HTML) 4 Page - Analog Devices

  LTC4231 Datasheet HTML 1Page - Analog Devices LTC4231 Datasheet HTML 2Page - Analog Devices LTC4231 Datasheet HTML 3Page - Analog Devices LTC4231 Datasheet HTML 4Page - Analog Devices LTC4231 Datasheet HTML 5Page - Analog Devices LTC4231 Datasheet HTML 6Page - Analog Devices LTC4231 Datasheet HTML 7Page - Analog Devices LTC4231 Datasheet HTML 8Page - Analog Devices LTC4231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC7000A
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supplies
VIN
Input Voltage Operating Range
3.5
150
V
TS Operating Voltage Range
0
135
V
SNS+/– Input Voltage Range
Independent of VIN
3.5
150
V
Total Supply Current (Note 8)
On or Sleep, Charge Pump Regulating
ON Mode, Charge Pump Overdriven
Sleep Mode, Charge Pump Overdriven
Shutdown Mode
CVCC = 1µF,
VRUN = 2V, VBST = OPEN, VTS = VSNS = 12V
VINP = 4V, VRUN = 2V, VBST-TS = 13V
VINP = 0.4V, VRUN = 2V, VBST-TS = 13V
VRUN = 0V (LTC7000A)
l
l
250
60
37
1
85
60
3
µA
µA
μA
μA
VIN DC Supply Current, Charge Pump Overdriven (Note 5)
ON Mode
Sleep Mode
Shutdown Mode
CVCC = 1µF, VBST-TS = 13V,
VINP = 4V, VRUN = 2V
VINP = 0.4V, VRUN = 2V
VRUN = 0V (LTC7000A)
35
25
1
µA
μA
μA
SNS+ Current
VINP = 4V, VRUN = 2V
VINP = 0.4V, VRUN = 2V
VRUN = 0V (LTC7000A)
21
12
0
µA
μA
μA
SNS– Current
VINP = 4V, VRUN = 2V
VINP = 0.4V, VRUN = 2V
VRUN = 0V (LTC7000A)
l
2
4
0
0
6.5
µA
μA
μA
VCC LDO Output Voltage
CVCC = 1µF, VIN = 12V
10
V
VCC LDO Dropout Voltage (VIN-VCC)
VIN = 6V, IVCC = –1mA
0.2
V
VCC
UVLO
VCC Undervoltage Lockout
VCCUV = OPEN, VIN = VCC
VCC Rising
VCC Falling
Hysteresis
VCCUV = 0V, VIN = VCC
VCC Rising
VCC Falling
Hysteresis
VCCUV = 1.5V, VIN = VCC
VCC Rising
VCC Falling
Hysteresis
l
l
l
l
6.5
5.8
3.1
2.8
9.7
9.1
7.0
6.4
600
3.5
3.2
300
10.5
9.9
600
7.5
6.9
3.7
3.4
10.9
10.3
V
V
mV
V
V
mV
V
V
mV
Bootstrapped Supply (BST-TS)
VBST-TS
VTG Above VTS with INP = 3V (DC)
VIN = VCC = VTS = 7V, IBST = 0µA
VIN = VCC = VTS = 10V, IBST = 0µA
VIN = VTS = 135V, IBST = 0µA
l
l
9
10
10
11
12
12
14
14
14
V
V
V
Charge Pump Output Current
VTS = 20V, VBST-TS = 10V
l
–15
–30
µA
BST-TS Floating UVLO
BST-TS Rising
BST-TS Falling
3.1
2.8
V
V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VSNS+ = 10V, VCC = VBST = 10V, VTS = GND = 0V,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com