Electronic Components Datasheet Search
  English  ▼

X  

LTC4231 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4231
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4231 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4231 Datasheet HTML 9Page - Analog Devices LTC4231 Datasheet HTML 10Page - Analog Devices LTC4231 Datasheet HTML 11Page - Analog Devices LTC4231 Datasheet HTML 12Page - Analog Devices LTC4231 Datasheet HTML 13Page - Analog Devices LTC4231 Datasheet HTML 14Page - Analog Devices LTC4231 Datasheet HTML 15Page - Analog Devices LTC4231 Datasheet HTML 16Page - Analog Devices LTC4231 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC7000A
13
Rev. 0
For more information www.analog.com
OPERATION
Internal Charge Pump
The LTC7000A/LTC7000A-1 contains an internal charge
pump that enables the MOSFET gate drive to have 100%
duty cycle. The charge pump regulates the BST-TS volt-
age to 12V reducing external power losses associated
with external MOSFET on-resistance. The charge pump
uses the higher voltage of TS or VCC as the source for
the charge.
Start-Up and Shutdown
If the voltage on the RUN pin (LTC7000A only) is less than
0.7V, the LTC7000A enters a shutdown mode in which
all internal circuitry is disabled, reducing the DC supply
current to approximately 1µA. When the voltage on the
RUN pin exceeds 0.7V, the internal LDO connected to VIN
is enabled and regulates VCC to 10V. At VIN voltages less
than 10V, the LDO will operate in drop-out and VCC will fol-
low VIN. When the voltage on the RUN pin exceeds 1.21V,
the input circuitry is enabled allowing TGUP and TGDN to
be driven high with respect to TS. The LTC7000A-1 does
not include the RUN pin. The internal LDO connected to
VIN and the input circuitry for the LTC7000A-1 become
enabled when VIN is higher than 3.5V.
Protection Circuitry
When using the LTC7000A/LTC7000A-1, care must
be taken not to exceed any of the ratings specified in
the Absolute Maximum Ratings section. As an added
safeguard, the LTC7000A/LTC7000A-1 incorporates an
overtemperature shutdown feature. If the junction tem-
perature reaches approximately 180°C, the LTC7000A/
LTC7000A-1 will enter thermal shutdown mode and TGDN
will be pulled to TS. After the part has cooled below 160°C,
TGDN will be allowed to go back high. The overtem-
perature level is not production tested. The LTC7000A/
LTC7000A-1 is guaranteed to start a temperatures below
150°C.
The LTC7000A/LTC7000A-1 additionally implements
protection features which prohibit TGUP being pulled to
BST when VIN, VCC or (VBST–VTS) are not within proper
operating ranges. By using a resistive divider from VIN to
ground (LTC7000A only), the RUN and OVLO pins can
serve as a precise input supply overvoltage/undervolt-
age lockouts. TGDN is pulled to TS when either RUN falls
below 1.11V or OVLO rises above 1.21V, which can be
configured to limit switching to a specific range on input
supply voltages. Furthermore, if VIN falls below 3.5V, an
internal undervoltage detector pulls TGDN to TS.
VCC contains an undervoltage lockout feature that will
pull TGDN to TS and is configured by the VCCUV pin. If
VCCUV is open, TGDN is pulled to TS until VCC is greater
than 7.0V. By using a resistor from VCCUV to ground, the
rising undervoltage lockout on VCC can be adjusted from
3.5V to 10.5V.
An additional internal undervoltage lockout is included
that will pull TGDN to TS when the floating voltage from
BST to TS is less than 3.1V (typical).
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com