Electronic Components Datasheet Search
  English  ▼

X  

LTC4231 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4231
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4231 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4231 Datasheet HTML 20Page - Analog Devices LTC4231 Datasheet HTML 21Page - Analog Devices LTC4231 Datasheet HTML 22Page - Analog Devices LTC4231 Datasheet HTML 23Page - Analog Devices LTC4231 Datasheet HTML 24Page - Analog Devices LTC4231 Datasheet HTML 25Page - Analog Devices LTC4231 Datasheet HTML 26Page - Analog Devices LTC4231 Datasheet HTML 27Page - Analog Devices LTC4231 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC7000A
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Protected Redundant Supply Switchover with Shoot Through Protection
LOAD
10µF
TS
BST
NOTE: THE BACKUP PATH
WILL LATCH-OFF WITH AN
OVERCURRENT FAULT.
TS
BST
VIN
RUN
VIN
RUN
FAULT
VCCUV
IMON
ISET
0.0015
2×
BSC320N20NS3G
0.003
2×
BSC320N20NS3G
1nF
4.99k
10
10
100
100
100
SNS+
SNS+
SNS–
SNS–
TGDN
TGDN
TGUP
TGUP
7000A TA02
LTC7000A
VBACKUP
7V TO 135V
MAIN POWER
7V TO 135V
100k
0.1µF
0.1µF
1nF
1µF
1µF
200k
6.98k
GND
LTC7000A
GND
10µF
0.1µF
100
10µF
0.1µF
0.1µF
VCCUV
IMON
ISET
VCC
TIMER
OVLO
VCC
INP
TIMER
OVLO
INP
FAULT
VMAIN Falling Through 33V
VMAIN Rising Through 36V
VLOAD vs Main Power Voltage
VBACKUP = 60V
MAIN POWER (V)
0
10
20
30
40
50
60
70
80
30
40
50
60
70
80
7000A TA02b
RLOAD = 50Ω
40µs/DIV
VLOAD
20V/DIV
VTG–TS
BACKUP
10V/DIV
VTG–TS
MAIN
10V/DIV
7000A TA02c
RLOAD = 50Ω
10µs/DIV
VLOAD
20V/DIV
VTG–TS
BACKUP
10V/DIV
VTG–TS
MAIN
10V/DIV
7000A TA02d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com