Electronic Components Datasheet Search
  English  ▼

X  

MAX700C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX700C/D
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX700C/D Datasheet HTML 1Page - Maxim Integrated Products MAX700C/D Datasheet HTML 2Page - Maxim Integrated Products MAX700C/D Datasheet HTML 3Page - Maxim Integrated Products MAX700C/D Datasheet HTML 4Page - Maxim Integrated Products MAX700C/D Datasheet HTML 5Page - Maxim Integrated Products MAX700C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
19-2690; Rev 3; 5/14
General Description
The MAX700/MAX701/MAX702 are supervisory circuits
used to monitor the power supplies in microprocessor
(µP) and digital systems. The RESET/RESET outputs of
the MAX700/MAX701/MAX702 are guaranteed to be in
the correct state for VCC voltages down to +1V (Figure 4).
They provide excellent circuit reliability and low cost by
eliminating external components and adjustments when
used with +5V-powered circuits.
The MAX702 is the simplest part in the family. When
VCC falls to 4.65V, RESET goes low. The MAX702 also
provides a debounced manual-reset input. The MAX701
performs the same functions but has both RESET and
RESET outputs. Their primary function is to provide a
system reset. Accordingly, an active reset signal is
supplied for low supply voltages and for at least 200ms
after the supply voltage reaches its operating value.
In addition to the features of the MAX701 and MAX702,
the MAX700 provides preset or adjustable-voltage
detection so thresholds other than 4.65V can be select-
ed, and adjustable hysteresis. All parts are supplied in
8-pin PDIP and narrow-SO packages in commercial and
extended temperature ranges.
Applications
● Computers
● Controllers
● Intelligent Instruments
● Critical µP Power Monitoring
Features
● Min 200ms RESET Pulse on Power-Up, Power-
Down, and During Low-Voltage Conditions
● Reset Threshold Factory Trimmed for +5V Systems
● No External Components or Adjustments with
+5V-Powered Circuits
● Debounced Manual-Reset Input
● Preset or Adjustable-Voltage Detection (MAX700)
● Adjustable Hysteresis (MAX700)
● 8-Pin PDIP and Narrow-SO Packages
*Devices in PDIP and SO packages are available in both lead-
ed and lead(Pb)-free packaging. Specify lead free by adding
the + symbol at the end of the part number when ordering.
PART*
TEMP RANGE
PIN-PACKAGE
MAX700C/D
0°C to +70°C
Dice
MAX700CPA
0°C to +70°C
8 PDIP
MAX700CSA
0°C to +70°C
8 Narrow SO
MAX700EPA
-40°C to +85°C
8 PDIP
MAX700ESA
-40°C to +85°C
8 Narrow SO
MAX701C/D
0°C to +70°C
Dice
MAX701CPA
0°C to +70°C
8 PDIP
MAX701CSA
0°C to +70°C
8 Narrow SO
MAX701EPA
-40°C to +85°C
8 PDIP
MAX701ESA
-40°C to +85°C
8 Narrow SO
MAX702C/D
0°C to +70°C
Dice
MAX702CPA
0°C to +70°C
8 PDIP
MAX702CSA
0°C to +70°C
8 Narrow SO
MAX702EPA
-40°C to +85°C
8 PDIP
MAX702ESA
-40°C to +85°C
8 Narrow SO
RESET
RESET
GND
1
2
8
7
VCC
CTL
SENSE
HYST
MR
DIP/SO
TOP VIEW
3
4
6
5
MAX700
RESET
RESET
GND
1
2
8
7
VCC
N.C.
N.C.
N.C.
MR
DIP/SO
3
4
6
5
MAX701
N.C.
N.C.
RESET
GND
1
2
8
7
N.C.
VCC
N.C.
MR
DIP/SO
3
4
6
5
MAX702
MAX700/MAX701/MAX702
Power-Supply Monitor with Reset
Pin Configurations
Ordering Information


Similar Part No. - MAX700C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX700C/D MAXIM-MAX700C/D Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX700C/D MAXIM-MAX700C/D Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
More results

Similar Description - MAX700C/D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM709 AD-ADM709 Datasheet
224Kb / 4P
Power Supply Monitor with Reset
REV.0
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
Power Supply reset Monitor with 1% Precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com