Electronic Components Datasheet Search
  English  ▼

X  

MAX700C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX700C/D
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX700C/D Datasheet HTML 1Page - Maxim Integrated Products MAX700C/D Datasheet HTML 2Page - Maxim Integrated Products MAX700C/D Datasheet HTML 3Page - Maxim Integrated Products MAX700C/D Datasheet HTML 4Page - Maxim Integrated Products MAX700C/D Datasheet HTML 5Page - Maxim Integrated Products MAX700C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PIN
NAME
FUNCTION
MAX700 MAX701 MAX702
1
1
1
MR
Input for Manual Pushbutton Reset. Has internal 5µA pullup. Low input activates the
RESET/RESET outputs.
2
—
—
SENSE
The voltage-sense input when CTL = VCC. Its threshold is 1.29V. SENSE always
remains connected to the internal comparator. So, when VCC is being monitored
internally (CTL = GND), SENSE should be left open circuit.
3
—
—
HYST
Normally NOT used when voltage is monitored through VCC (CTL = GND). When
monitoring through SENSE (CTL = VCC), HYST allows hysteresis to be added,
reducing noise and spurious reset activity (Figure 3). HYST turns on 5µs before the
RESET/RESET outputs are activated, and its on-resistance to GND is typically 1kΩ.
4
4
3
GND
Ground
5
6
7
RESET
Goes low when VCC falls below 4.65V, or when CTL = VCC on the MAX700 goes low
when SENSE falls below 1.29V.
6
5
—
RESET Inverted Version of RESET
7
—
—
CTL
When CTL = GND, VCC is monitored by the reset circuit. When CTL = VCC, VCC
is ignored and SENSE is monitored, allowing the threshold to be set with external
resistors.
8
8
2
VCC
Chip Power and +5V Sensing Input (When CTL = GND on MAX700)
—
2, 3, 7
4, 5, 6, 8
N.C.
No Connection
MAX700/MAX701/MAX702
Power-Supply Monitor with Reset
www.maximintegrated.com
Maxim Integrated │ 4
Pin Description



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com