Electronic Components Datasheet Search
  English  ▼

X  

MAX700C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX700C/D
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX700C/D Datasheet HTML 1Page - Maxim Integrated Products MAX700C/D Datasheet HTML 2Page - Maxim Integrated Products MAX700C/D Datasheet HTML 3Page - Maxim Integrated Products MAX700C/D Datasheet HTML 4Page - Maxim Integrated Products MAX700C/D Datasheet HTML 5Page - Maxim Integrated Products MAX700C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 4 shows the RESET output of the MAX700/
MAX701/MAX702 in the correct state for VCC voltages
down to 0V. Note the effect of the built-in hysteresis on
the trigger lever of RESET.
Figure 1. MAX700 Block Diagram
Figure 3. MAX700 Connected for External Senses and
Hysteresis
Figure 2. MAX700 Typical Connection Diagram
Figure 4. Typical MAX700/MAX701/MAX702 RESET Output vs.
VCC
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 PDIP
P8+2
21-0143
—
8 Narrow SO
S8+4
21-0041
90-0096
RESET
1M
1.29VREF
OSC
RC
R
R
COMPARATOR
RESET
GND
1
2
8
7
VCC
CTL
SENSE
HYST
150k
MR
3
4
6
5
MAX700
GND
1
2
8
7
SENSE
MANUAL
RESET
BUTTON
HYST
MR
3
4
6
N.C.
R1
R3
R2
VIN
TO µP
VIN 3V TO 15V
VL = LOWER VOLTAGE THRESHOLD
R1 = R2
( VL -1)
1.29
R3 =
VTR1
VU - VL VU = UPPER VOLTAGE THRESHOLD
HYSTERESIS = VU - VL
5
MAX700
RESET
RESET
VCC
CTL
GND
1
2
8
7
SENSE
MANUAL
RESET
BUTTON
HYST
MR
3
4
6
N.C.
N.C.
TO µP
+5V
5
MAX700
RESET
RESET
VCC
CTL
RESET
0V
0V
2V/div
2V/div
1s/div
VCC
MAX700/MAX701/MAX702
Power-Supply Monitor with Reset
www.maximintegrated.com
Maxim Integrated │ 5
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com