Electronic Components Datasheet Search
  English  ▼

X  

AD630ADZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD630ADZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ADZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD630ADZ Datasheet HTML 12Page - Analog Devices AD630ADZ Datasheet HTML 13Page - Analog Devices AD630ADZ Datasheet HTML 14Page - Analog Devices AD630ADZ Datasheet HTML 15Page - Analog Devices AD630ADZ Datasheet HTML 16Page - Analog Devices AD630ADZ Datasheet HTML 17Page - Analog Devices AD630ADZ Datasheet HTML 18Page - Analog Devices AD630ADZ Datasheet HTML 19Page - Analog Devices AD630ADZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 16 of 20
APPLICATIONS INFORMATION
BALANCED MODULATOR
Perhaps the most commonly used configuration of the AD630
is the balanced modulator. The application resistors provide
precise symmetric gains of ±1 and ±2. The ±1 arrangement
is shown in Figure 28 and the ±2 arrangement is shown in
Figure 29. These cases differ only in the connection of the
10 kΩ feedback resistor (Pin 14) and the compensation
capacitor (Pin 12). Note the use of the 2.5 kΩ bias current
compensation resistors in these examples. These resistors
perform the identical function in the ±1 gain case. Figure 30
demonstrates the performance of the AD630 when used to
modulate a 100 kHz square wave carrier with a 10 kHz sinusoid.
The result is the double sideband suppressed carrier waveform.
These balanced modulator topologies accept two inputs, a
signal (or modulation) input applied to the amplifying channels
and a reference (or carrier) input applied to the comparator.
Figure 28. AD630 Configured as a Gain-of-One Balanced Modulator
Figure 29. AD630 Configured as a Gain-of-Two Balanced Modulator
Figure 30. Gain-of-Two Balanced Modulator Sample Waveforms
BALANCED DEMODULATOR
The balanced modulator topology described in the Balanced
Modulator section also acts as a balanced demodulator if a
double sideband suppressed carrier waveform is applied to
the signal input and the carrier signal is applied to the reference
input. The output under these circumstances is the baseband
modulation signal. Higher order carrier components that can
be removed with a low-pass filter are also present. Other names
for this function are synchronous demodulation and phase-
sensitive detection.
PRECISION PHASE COMPARATOR
The balanced modulator topologies of Figure 28 and Figure 29
can also be used as precision phase comparators. In this case,
an ac waveform of a particular frequency is applied to the signal
input and a waveform of the same frequency is applied to the
reference input. The dc level of the output (obtained by low-
pass filtering) is proportional to the signal amplitude and phase
difference between the input signals. If the signal amplitude is
held constant, the output can be used as a direct indication of
the phase. When these input signals are 90° out of phase, they
are said to be in quadrature and the AD630 dc output is zero.
PRECISION RECTIFIER ABSOLUTE VALUE
If the input signal is used as its own reference in the balanced
modulator topologies, the AD630 acts as a precision rectifier.
The high frequency performance is superior to that which can
be achieved with diode feedback and op amps. There are no diode
drops that the op amp must leap over with the commutating
amplifier.
MODULATED
OUTPUT
SIGNAL
CARRIER
INPUT
CM
OFF ADJ
DIFF
OFF ADJ
AMP A
AMP B
–V
10kΩ
10kΩ
5kΩ
9
10
COMP
1
15
7
16
14
13
12
2
20
+VS
–VS
AD630
A
B
2.5kΩ
2.5kΩ
19
18
17
11
8
6
5
10kΩ
4
3
10kΩ
MODULATION
INPUT
MODULATED
OUTPUT
SIGNAL
CARRIER
INPUT
CM
OFF ADJ
DIFF
OFF ADJ
2.5kΩ
AMP A
AMP B
–V
10kΩ
10kΩ
5kΩ
9
10
COMP
1
15
7
16
14
13
12
2
20
+VS
–VS
AD630
A
B
2.5kΩ
19
18
17
11
8
6
5
10kΩ
4
3
10kΩ
MODULATION
INPUT
5V
5V
20µs
MODULATION
INPUT
CARRIER
INPUT
OUTPUT
SIGNAL
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com