Electronic Components Datasheet Search
  English  ▼

X  

AD630BDZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD630BDZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630BDZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD630BDZ Datasheet HTML 6Page - Analog Devices AD630BDZ Datasheet HTML 7Page - Analog Devices AD630BDZ Datasheet HTML 8Page - Analog Devices AD630BDZ Datasheet HTML 9Page - Analog Devices AD630BDZ Datasheet HTML 10Page - Analog Devices AD630BDZ Datasheet HTML 11Page - Analog Devices AD630BDZ Datasheet HTML 12Page - Analog Devices AD630BDZ Datasheet HTML 13Page - Analog Devices AD630BDZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 10 of 20
Figure 13. Channel-to-Channel Switch-Settling Characteristic
(See Figure 17)
Figure 14. Small Signal Noninverting Step Response (See Figure 18)
Figure 15. Large Signal Inverting Step Response (See Figure 19)
20mV
500ns
20mV
100
90
10
0%
20mV/DIV
(Vo)
20mV/DIV
(Vi)
TOP TRACE: Vo
BOTTOM TRACE: Vi
100
90
10
0%
100mV
500ns
50mV
1mV
50mV/DIV
(Vi)
1mV/DIV
(A)
TOP TRACE: Vi
MIDDLE TRACE: SETTLING
ERROR (A)
BOTTOM TRACE: Vo
100mV/DIV
(Vo)
100
90
10
0%
10V
10V
1mV
TOP TRACE: Vi
MIDDLE TRACE: SETTLING
ERROR (B)
BOTTOM TRACE: Vo
5µs
±10V 20kHz
(Vi)
1mV/DIV
(B)
10V/DIV
(Vo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com