Electronic Components Datasheet Search
  English  ▼

X  

AD630BDZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD630BDZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630BDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD630BDZ Datasheet HTML 7Page - Analog Devices AD630BDZ Datasheet HTML 8Page - Analog Devices AD630BDZ Datasheet HTML 9Page - Analog Devices AD630BDZ Datasheet HTML 10Page - Analog Devices AD630BDZ Datasheet HTML 11Page - Analog Devices AD630BDZ Datasheet HTML 12Page - Analog Devices AD630BDZ Datasheet HTML 13Page - Analog Devices AD630BDZ Datasheet HTML 14Page - Analog Devices AD630BDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD630
Rev. G | Page 11 of 20
TEST CIRCUITS
Figure 16. Test Circuit for Output Voltage vs. Frequecy, Resistive Load,
and Supply Voltage (See Figure 7, Figure 8, and Figure 9)
Figure 17. Test Circuit for Channel-to-Channel Switch-Settling
Characteristic (See Figure 13)
Figure 18. Test Circuit for Small Signal Noninverting Step Response
(See Figure 14)
Figure 19. Test Circuit for Large Signal Noninverting Step Response
(See Figure 15)
2kΩ
5kΩ
5kΩ
Vi
VO
100pF
5kΩ
10kΩ
10kΩ
Vi
CH A
CH B
12
VO
2
20
19
18
13
9
10
14
16
15
12
CH A
MIDDLE
TRACE
(A)
10kΩ
10kΩ
VO
BOTTOM
TRACE
TEKTRONIX
7A13
10kΩ
1kΩ
30pF
10kΩ
Vi
TOP
TRACE
2
20
13
14
15
12
CH A
10kΩ
10kΩ
VO
BOTTOM
TRACE
10kΩ
Vi
TOP
TRACE
(B)
MIDDLE
TRACE
10kΩ
HP5082-2811
20
2
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com