Electronic Components Datasheet Search
  English  ▼

X  

AD630BDZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD630BDZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630BDZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD630BDZ Datasheet HTML 10Page - Analog Devices AD630BDZ Datasheet HTML 11Page - Analog Devices AD630BDZ Datasheet HTML 12Page - Analog Devices AD630BDZ Datasheet HTML 13Page - Analog Devices AD630BDZ Datasheet HTML 14Page - Analog Devices AD630BDZ Datasheet HTML 15Page - Analog Devices AD630BDZ Datasheet HTML 16Page - Analog Devices AD630BDZ Datasheet HTML 17Page - Analog Devices AD630BDZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 14 of 20
OTHER GAIN CONFIGURATIONS
Many applications require switched gains other than the ±1 and
±2, which the self-contained applications resistors provide. The
AD630 can be readily programmed with three external resistors
over a wide range of positive and negative gain by selecting and
RB and RF to give the noninverting gain 1 + RF/RB and subsequent
RA to give the desired inverting gain. Note that when the
inverting magnitude equals the noninverting magnitude, the
value of RA is found to be RBRF/(RB + RF). That is, RA equals
the parallel combination of RB and RF to match positive and
negative gain.
The feedback synthesis of the AD630 may also include reactive
impedance. The gain magnitudes match at all frequencies if the
A impedance is made to equal the parallel combination of the
B and F impedances. The same considerations apply to the
AD630 as to conventional op amp feedback circuits. Virtually
any function that can be realized with simple noninverting L
network feedback can be used with the AD630. A common
arrangement is shown in Figure 25. The low frequency gain of
this circuit is 10. The response has a pole (−3 dB) at a frequency
f
≃1/(2π100kΩ×C)andazero(3dBfromthehighfrequency
asymptote) at about 10 times this frequency. The 2 kΩ resistor
in series with each capacitor mitigates the loading effect on
circuitry driving this circuit, eliminates stability problems, and
has a minor effect on the pole-zero locations.
As a result of the reactive feedback, the high frequency
components of the switched input signal are transmitted at
unity gain while the low frequency components are amplified.
This arrangement is useful in demodulators and lock-in amplifiers.
It increases the circuit dynamic range when the modulation or
interference is substantially larger than the desired signal
amplitude. The output signal contains the desired signal multiplied
by the low frequency gain (which may be several hundred for
large feedback ratios) with the switching signal and interference
superimposed at unity gain.
Figure 25. AD630 with External Feedback
SWITCHED INPUT IMPEDANCE
The noninverting mode of operation is a high input impedance
configuration while the inverting mode is a low input impedance
configuration. This means that the input impedance of the
circuit undergoes an abrupt change as the gain is switched
under control of the comparator. If the gain is switched when
the input signal is not zero, as it is in many practical cases, a
transient is delivered to the circuitry driving the AD630. In
most applications, this requires the AD630 circuit to be driven
by a low impedance source, which remains stiff at high frequencies.
This is generally a wideband buffer amplifier.
FREQUENCY COMPENSATION
The AD630 combines the convenience of internal frequency
compensation with the flexibility of external compensation by
means of an optional self-contained compensation capacitor.
In gain of ±2 applications, the noise gain that must be addressed
for stability purposes is actually 4. In this circumstance, the
phase margin of the loop is on the order of 60° without the
optional compensation. This condition provides the maximum
bandwidth and slew rate for closed loop gains of |2| and above.
When the AD630 is used as a multiplexer, or in other
configurations where one or both inputs are connected for
unity gain feedback, the phase margin is reduced to less than
20°. This may be acceptable in applications where fast slewing
is a first priority, but the transient response is not optimum. For
these applications, the self-contained compensation capacitor
may be added by connecting Pin 12 to Pin 13. This connection
reduces the closed-loop bandwidth somewhat and improves the
phase margin.
For intermediate conditions, such as a gain of ±1 where the loop
attenuation is 2, determine the use of the compensation by whether
bandwidth or settling response must be optimized. Also, use
optional compensation when the AD630 is driving capacitive
loads or whenever conservative frequency compensation is
desired.
C
–VS
A
B
10kΩ
VO
11.11kΩ
12
Vi
100kΩ
2kΩ
C
2kΩ
2
20
19
18
13
7
8
9
10
SEL B
SEL A
CHANNEL
STATUS
B/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com