Electronic Components Datasheet Search
  English  ▼

X  

AD9162 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9162 Datasheet HTML 61Page - Analog Devices AD9162 Datasheet HTML 62Page - Analog Devices AD9162 Datasheet HTML 63Page - Analog Devices AD9162 Datasheet HTML 64Page - Analog Devices AD9162 Datasheet HTML 65Page - Analog Devices AD9162 Datasheet HTML 66Page - Analog Devices AD9162 Datasheet HTML 67Page - Analog Devices AD9162 Datasheet HTML 68Page - Analog Devices AD9162 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 65 of 144
MAIN DIGITAL DATAPATH
HB
2×
HB
3×
JESD
HB
2×,
4×,
8×
NCO
INV
SINC
HB
2×
Figure 161. Block Diagram of the Main Digital Datapath
The block diagram in Figure 161 shows the functionality of the
main digital datapath. The digital processing includes an input
interpolation block with choice of bypass (1×), 2×, or 3×
interpolation, three additional 2× half-band interpolation
filters, a final 2× NRZ mode interpolator filter, FIR85, that can
be bypassed, and a quadrature modulator that consists of a
48-bit NCO and an inverse sinc block.
All of the interpolation filters accept in-phase (I) and quadrature
(Q) data streams as a complex data stream. Similarly, the
quadrature modulator and inverse sinc function also accept
input data as a complex data stream. Thus, any use of the digital
datapath functions requires the input data to be a complex data
stream.
In bypass mode (1× interpolation), the input data stream is
expected to be real data.
Table 34. Pipeline Delay (Latency) for Various DAC Blocks
Mode
FIR85
On
Filter
Bandwidth
Inverse
Sinc
NCO
Pipeline
Delay1
(fDAC
Clocks)
NCO only
No
N/A2
No
Yes
48
1× (Bypass)
No
N/A2
No
No
113
1× (Bypass)
No
N/A2
Yes
No
137
2×
No
80%
No
No
155
2×
No
90%
No
No
176
2×
Yes
80%
No
No
202
2×
No
80%
Yes
No
185
2×
Yes
80%
Yes
No
239
2×
Yes
80%
Yes
Yes
279
3×
No
80%
No
No
168
3×
No
90%
No
No
202
4×
No
80%
No
No
308
6×
No
80%
No
No
332
8×
No
80%
No
No
602
12×
No
80%
No
No
674
16×
No
80%
No
No
1188
24×
No
80%
No
No
1272
1
The pipeline delay given is a representative number and may vary by a cycle
or two based on the internal handoff timing conditions at startup.
2
N/A means not applicable.
The pipeline delay changes based on the digital datapath
functions that are selected. See Table 34 for examples of the
pipeline delay per block. These delays are in addition to the
JESD204B latency.
DATA FORMAT
The input data format for all modes on the AD9161/AD9162 is
16-bit, twos complement. The digital datapath and the DAC
decoder operate in twos complement format.
To avoid the NCO frequency leakage, the digital codes fed into
the DAC must be balanced around zero code (the number of
positive codes must be equal to the number of negative codes).
That is, input DC offset must be removed from the input digital
code. If this offset is not removed from the input code, the
leakage can become apparent when using the NCO to shift a
signal that is above or below 0 Hz when synthesized. The NCO
frequency is seen as a small spur at the NCO FTW.
INTERPOLATION FILTERS
The main digital path contains five half-band interpolation
filters, plus a final half-band interpolation filter that is used in
2× NRZ mode. The filters are cascaded as shown in Figure 161.
The first pair of filters is a 2× (HB2) or 3× (HB3) filter. Each of
these filters has two options for bandwidth, 80% or 90%. The
80% filters are lower power than the 90%. The filters default to
the lower power 80% bandwidth. To select the filter bandwidth
as 90%, program the FILT_BW bit in the DATAPATH_CFG
register to 1 (Register 0x111, Bit 4 = 0b1).
Following the first pair of filters is a series of 2× half-band
filters, each of which halves the usable bandwidth of the
previous one. HB4 has 45%, HB5 has 22.5%, and HB6 has
11.25% of the fDATA bandwidth.
The final half-band filter, FIR85, is used in the 2× NRZ mode. It
is clocked at the 2 × fDAC rate and has a usable bandwidth of 45%
of the fDAC rate. The FIR85 filter is a complex filter, and therefore
the bandwidth is centered at 0 Hz. The FIR85 filter is used in
conjunction with the complex interpolation modes to push the
DAC update rate higher and move images further from the
desired signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com