Electronic Components Datasheet Search
  English  ▼

X  

AD9162 Datasheet(PDF) 94 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9162 Datasheet HTML 90Page - Analog Devices AD9162 Datasheet HTML 91Page - Analog Devices AD9162 Datasheet HTML 92Page - Analog Devices AD9162 Datasheet HTML 93Page - Analog Devices AD9162 Datasheet HTML 94Page - Analog Devices AD9162 Datasheet HTML 95Page - Analog Devices AD9162 Datasheet HTML 96Page - Analog Devices AD9162 Datasheet HTML 97Page - Analog Devices AD9162 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 94 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
6
SPI_DATAPATH_PRE
SPI control of the data at the
input of the datapath.
0x1
R/W
0 Disable or zero the data feeding
into the datapath.
1 Use the data from the JESD204B
lanes to drive into the datapath.
[5:4] RESERVED
Reserved.
0x0
R
3
TXEN_NCO_RESET
Allows TX_ENABLE to control
the DDS NCO reset.
0x0
R/W
0 Use the SPI (HOPF_MODE SPI
bits) to control the DDS NCO
reset.
1 Use the TX_ENABLE pin to
control the DDS NCO reset.
2
TXEN_DATAPATH_POST
Allows TX_ENABLE to control
the data at the output of the
datapath.
0x0
R/W
0 Use the SPI (Bit
SPI_DATAPATH_ POST) for
control.
1 Use the TX_ENABLE pin for
control.
1
TXEN_DATAPATH_PRE
Allows TX_ENABLE to control
the data at the input of the
datapath.
0x0
R/W
0 Use the SPI (Bit
SPI_DATAPATH_ PRE) for
control.
1 Use the TX_ENABLE pin for
control.
0
TXEN_DAC_FSC
Allows TX_ENABLE to control
the DAC full-scale current.
0x0
R/W
0 Use the SPI register ANA_FSC0
and ANA_FSC1 for control.
1 Use the TX_ENABLE pin for
control.
0x040 ANA_DAC_BIAS_PD
[7:2] RESERVED
Reserved.
0x0
R
1
ANA_DAC_BIAS_PD1
Powers down the DAC core bias
circuits. A 1 powers down the
DAC core bias circuits.
0x1
R/W
0
ANA_DAC_BIAS_PD0
Powers down the DAC core bias
circuits. A 1 powers down the
DAC core bias circuits.
0x1
R/W
0x041 ANA_FSC0
[7:2] RESERVED
Reserved.
0x0
R
[1:0] ANA_FULL_SCALE_CURRENT[1:0]
DAC full-scale current. Analog
full-scale current adjustment.
0x3
R/W
0x042 ANA_FSC1
[7:0] ANA_FULL_SCALE_CURRENT[9:2]
DAC full-scale current. Analog
full-scale current adjustment.
0xFF
R/W
0x07F CLK_PHASE_TUNE
[7:6] RESERVED
Reserved.
0x0
R
[5:0] CLK_PHASE_TUNE
Fine tuning of the clock input
phase balance. Adds small
capacitors to the CLK+/CLK−
inputs, ~ 20 fF per step, signed
magnitude.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com