Electronic Components Datasheet Search
  English  ▼

X  

AD9162 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9162 Datasheet HTML 69Page - Analog Devices AD9162 Datasheet HTML 70Page - Analog Devices AD9162 Datasheet HTML 71Page - Analog Devices AD9162 Datasheet HTML 72Page - Analog Devices AD9162 Datasheet HTML 73Page - Analog Devices AD9162 Datasheet HTML 74Page - Analog Devices AD9162 Datasheet HTML 75Page - Analog Devices AD9162 Datasheet HTML 76Page - Analog Devices AD9162 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 73 of 73
INTERRUPT REQUEST OPERATION
The AD9161/AD9162 provide an interrupt request output
signal (IRQ) on Ball G1 (8 mm × 8 mm package) or Ball G4
(11 mm × 11 mm package) that can be used to notify an external
host processor of significant device events. On assertion of the
interrupt, query the device to determine the precise event that
occurred. The IRQ pin is an open-drain, active low output. Pull
the IRQ pin high, external to the device. This pin can be tied to
the interrupt pins of other devices with open-drain outputs to
wire; OR these pins together.
Figure 175 shows a simplified block diagram of how the IRQ
blocks works. If IRQ_EN is low, the INTERRUPT_SOURCE
signal is set to 0. If IRQ_EN is high, any rising edge of EVENT
causes the INTERRUPT_SOURCE signal to be set high. If any
INTERRUPT_SOURCE signal is high, the IRQ pin is pulled
low. INTERRUPT_SOURCE can be reset to 0 by either an
IRQ_RESET signal or a DEVICE_RESET signal.
Depending on the STATUS_MODE signal, the EVENT_STATUS
bit reads back an event signal or INTERRUPT_SOURCE signal.
The AD9161/AD9162 have several IRQ register blocks that can
monitor up to 75 events (depending on device configuration).
Certain details vary by IRQ register block as described in Table 39.
Table 40 shows the source registers of the IRQ_EN, IRQ_RESET,
and STATUS_MODE signals in Figure 175, as well as the address
where EVENT_STATUS is read back.
Table 39. IRQ Register Block Details
Register Block
Event
Reported
EVENT_STATUS
0x020, 0x024
Per chip
INTERRUPT_SOURCE if
IRQ is enabled; if not, it
is the event signal
0x4B8 to 0x4BB; 0x470
to 0x473
Per link and
lane
INTERRUPT_SOURCE if
IRQ is enabled; if not, 0
INTERRUPT SERVICE ROUTINE
Interrupt request management starts by selecting the set of event
flags that require host intervention or monitoring. Enable the
events that require host action so that the host is notified when
they occur. For events requiring host intervention upon IRQ
activation, run the following routine to clear an interrupt request:
1.
Read the status of the event flag bits that are being monitored.
2.
Disable the interrupt by writing 0 to IRQ_EN.
3.
Read the event source.
4.
Perform any actions that may be required to clear the cause
of the event. In many cases, no specific actions may be
required.
5.
Verify that the event source is functioning as expected.
6.
Clear the interrupt by writing 1 to IRQ_RESET.
7.
Enable the interrupt by writing 1 to IRQ_EN.
IRQ_EN
EVENT
DEVICE_RESET
EVENT_STATUS
INTERRUPT_SOURCE
IRQ_EN
STATUS_MODE
1
0
1
0
OTHER
INTERRUPT
SOURCES
IRQ
IRQ_RESET
Figure 175. Simplified Schematic of IRQ Circuitry
Table 40. IRQ Register Block Address of IRQ Signal Details
Register Block
Address of IRQ Signals
IRQ_EN
IRQ_RESET
STATUS_MODE1
EVENT_STATUS
0x020, 0x024
0x020; R/W per chip
0x024; W per chip
STATUS_MODE = IRQ_EN
0x024; R per chip
0x4B8 to 0x4BB
0x4B8, 0x4B9; W per error type
0x4BA, 0x4BB; W per error type
N/A, STATUS_MODE = 1
0x4BA, 0x4BB; R per chip
0x470 to 0x473
0x470 to 0x473; W per error type
0x470 to 0x473; W per link
N/A, STATUS_MODE = 1
0x470 to 0x473; R per link
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com