Electronic Components Datasheet Search
  English  ▼

X  

MAX1259C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1259C/D
Description  Battery Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1259C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1259C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
To achieve rated performance, the VCC input should be
connected to both VCCI pins (pins 15 and 16). As well, the
switched output should be connected to both VCCO pins
(pins 12 and 13).
Power Fail
The power-fail (PF) output is high for VCCI greater than
1.26 x VBATT (VTP), indicating a valid VCCI voltage.
Battery Fail
If VCCI is at or above the voltage trip threshold (VTP) and
the backup battery is greater than 2V, the battery-fail (BF)
output will be held high, indicating a charged battery. If the
backup battery drops below 2V or VCCI falls below VTP,
BF will be driven low.
BAT Output
During normal operation, the BAT output stays at the bat-
tery voltage, regardless of the VCCI level. This provides
1mA battery current.
RESET (Digitally Controlled
Battery Disconnect)
To prevent battery discharge during shipping, the backup
battery can be disconnected from VCCO to BAT.
This disconnect feature is activated by pulsing the reset
(RST) input high for a minimum of 50ns with VCCI greater
than VTP (Figure 4). When primary power is removed,
the VCCO and BAT outputs will go high impedance. The
next time primary power is applied with VCCI greater than
1.26 x VBATT (VTP), normal operation resumes. Note that
when the MAX1259 is first powered up, VCCI must be
brought above 1.26 x VBATT. This resets an internal flip-
flop, ensuring that the part is in normal VCC mode and not
in shipping mode.
Applications Information
If a protection diode is placed in series with the backup
battery, pin 2 must be bypassed with at least a 0.01μF
capacitor to ground.
Figure 4. Reset Timing
+5V
VCCI
VCCO
RST
0V
+5V
+3V
0V
+3V
0V
VIH
VIL
BAT
50ns MIN
HIGH IMPEDANCE
HIGH IMPEDANCE
MAX1259
Battery Manager
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com