Electronic Components Datasheet Search
  English  ▼

X  

MAX1259C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1259C/D
Description  Battery Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1259C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1259C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detailed Description
Battery Switchover and VCCO
Figure 2 shows a typical application for the MAX1259.
CMOS RAM is powered from VCCO. The battery switcho-
ver circuit compares VCC to the VBATT input, and con-
nects VCCO to whichever is higher.
Switchover occurs when VCC equals VBATT as VCC falls,
and when VCC is 60mV greater than VBATT as VCC rises.
This hysteresis prevents repeated, rapid switching if VCC
falls very slowly or remains nearly equal to the battery
voltage. Low-loss switches guarantee an input-to-output
differential of only 200mV, while supplying 250mA from
the primary power supply or 15mA from the battery.
Note: With adequate filtering, the MAX1259 need only
supply the average current drawn by the CMOS RAM.
Many RAM data sheets specify a 75mA maximum sup-
ply current, but this peak current spike lasts only 100ns.
If the sum of the peak currents is greater than 250mA, a
capacitor placed on the VCCO output can supply the high
instantaneous current, while VCCO need only supply the
average current, which is much less.
The MAX1259 operates with battery voltages from 2.5V to
3.7V. High-value capacitors—either standard electrolytic
or farad-sized, double-layer capacitors—can also be used
for short-term memory backup (Figure 3).
Figure 1. Power-Down/Power-Up Conditions
Figure 2. Typical Application Circuit
Figure 3. Using a MAXCAP as a Backup Battery
VCCI
+4.25V
+3V
PF
BATTERY
CURRENT
tF
tPF
tR
tREC
MAX1259
VCCI
VCC
VBATT
VCCO
GND
PF
15, 16
7, 8
12, 13
11
2
µP
NMI
ADDRESS
DECODE
RAM1
RAM2
RAM16
CE15
CE1
CE0
TO RAM
12, 13
15, 16
3kΩ
6.2kΩ
2N3904
2
VCC
VBATT
VCCI
VCC0
0.22F
MAXCAP
GND
7, 8
NOTE: LARGE VALUE CAPACITORS, SUCH AS A 0.22F MAXCAP,
MAY BE USED FOR SHORT-TERM MEMORY BACKUP.
MAX1259
MAX1259
Battery Manager
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com