Electronic Components Datasheet Search
  English  ▼

X  

MAX1259C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1259C/D
Description  Battery Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1259C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1259C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX1259 battery manager provides backup-battery
switching for CMOS RAM, microprocessors, or other low-
power logic ICs. It automatically switches to the backup
battery when the primary power supply is interrupted.
Low-loss switches guarantee an input-to-output differ-
ential of only 200mV while supplying 250mA from the
primary power supply or 15mA from the battery.
Battery discharge during shipping does not occur in the
MAX1259, since the backup battery can be disconnected
by strobing the RST input.
A battery-fail output signal indicates when the backup bat-
tery is below +2V, and a power-fail output signal indicates
when the primary power supply is low. The MAX1259
monitors the backup battery, warns of impending power
failures, and switches the memory to the battery when
failures occur. The MAX1259 is pincompatible with the
DS1259, but consumes three times less supply current.
Commercial, extended, and military temperature range
devices are available.
Applications
● Battery Backup for CMOS RAM
● Uninterruptible Power Supplies
● Computers
● Controllers
Features
● Switches to Backup Battery if Power Fails
● Consumes Less than 100nA of Battery Current
● Power-Fail Output Signals Primary Power-Supply
Loss
● Battery Monitor Indicates Low Battery
● Battery Can Be Disconnected to Prevent Discharge
During Shipping
● Battery Automatically Reconnected when VCC is
Applied
● Pin-Compatible with the DS1259
● Supply Current Three Times Lower than DS1259
● Available in Extended-Industrial and Military
Temperature Ranges
19-4638; Rev 3; 9/14
*Contact factory for dice specifications.
Note: Devices in PDIP and SO packages are available in both
leadedPb) and lead(Pb)-free packaging. Specify lead-free by
adding the “+” symbol at the end of the part number when
ordering. Lead-free not available for CERDIP package.
PART
TEMP RANGE
PIN-PACKAGE
MAX1259C/D
0°C to +70°C
Dice*
MAX1259CPE
0°C to +70°C
16 PDIP
MAX1259CWE
0°C to +70°C
16 Wide SO
MAX1259EPE
-40°C to +85°C
16 PDIP
MAX1259EWE
-40°C to +85°C
16 Wide SO
MAX1259MJE
-55°C to +125°C
16 CERDIP
VCCI
VCCO
VBATT
RESET
LOGIC
GND
BAT
RST
PF
BF
REF
MAX1259
DIP/SO
VCCI
VCCO
VCCO
VCCI
V
N.C.
BF
N.C.
N.C.
MAX1259
1
2
3
4
16
15
14
13
BAT
RST
GND
GND
N.C.
N.C.
PF
5
6
7
8
12
11
10
9
BATT
TOP VIEW
MAX1259
Battery Manager
Functional Diagram
Pin Configuration
Ordering Information


Similar Part No. - MAX1259C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1259C/D MAXIM-MAX1259C/D Datasheet
220Kb / 8P
MAX1259 Battery Manager
19-4638; Rev 1; 4/94
More results

Similar Description - MAX1259C/D

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
MAX1259 Battery Manager
19-4638; Rev 1; 4/94
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
Dual Smart Battery System Manager
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
2.5A Battery Backup Power Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
logo
SHOUDING Shouding Semic...
SD8065 SHOUDING-SD8065 Datasheet
1Mb / 13P
Lithium titanate battery, lithium battery charge manager
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
Battery Manager Chip
111999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com