Electronic Components Datasheet Search
  English  ▼

X  

MAX1660EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1660EEE
Description  Digitally Controlled Fuel-Gauge Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1660EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1660EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Overcurrent Detection
The MAX1660’s precision analog interface continuously
monitors the input current to detect an overcurrent con-
dition. Figure 7 shows the functional diagram of the
overcurrent comparator section.
An overcurrent condition occurs whenever the voltage
on CS exceeds the voltage on OCI (for charging cur-
rents), or when ODI falls below ground (for discharging
currents). When an overcurrent condition occurs, the
overcurrent comparators generate an interrupt (INT
goes low) and set the OD (discharging) or OC (charg-
ing) latch, which remains set until either the configura-
tion word’s CLRINT bit is set, the MAX1660 enters soft-
shutdown mode, or the MAX1660 initiates a power-on
reset. The host defines any action taken upon receipt of
this interrupt. A logic block follows the latch, which sets
the gate-driver output’s appropriate state, as defined in
Table 4, and drives the n-channel MOSFET open-drain
gate drivers.
Although the host has complete control over the
MAX1660’s response to an overcurrent condition, take
care to ensure adequate overcurrent protection. In gen-
eral, the configuration word’s OCLO and ODLO bits
should always remain cleared. This ensures that either
the MAX1660 will be in overcurrent autodetect mode
(the power-on-reset state), or the external FETs are
forced off (the load is disconnected). Regardless of the
OCLO and ODLO bit settings, the MAX1660 interrupts
the host (INT goes low) if the current flow exceeds the
overcurrent threshold.
When OCHI = OCLO = 1 or ODHI = ODLO = 1, the cor-
responding overcurrent comparator operates in free-
running mode, driving OCO and ODO directly. When
the current exceeds the overcurrent threshold, the
appropriate MOSFET turns off, and when the current
is below the overcurrent threshold, it turns on. Forcing
the MOSFET off prevents current from flowing, which in
turn decreases the current flow to below the over-
current threshold. A persistent overcurrent condition,
therefore, produces a pulsed output as the current flow
repeatedly crosses the overcurrent threshold. In free-
running mode, INT pulls low when the first overcurrent
condition occurs, and stays low until the interrupt is
cleared, as described in the INT Output section.
Operation in this mode requires that OCO and ODO
be buffered to ensure fast MOSFET turn-off and slow
MOSFET turn-on times. The relatively slow turn-off
response of the OCO and ODO open-drain outputs
alone is unsuitable for driving MOSFETs directly in this
mode.
Digitally Controlled
Fuel-Gauge Interface
______________________________________________________________________________________
11
+
-
ODI
S
R
Q
ODO LOGIC
ODO
ODSTATUS
ODICMP
POWER-ON
RESET
ODLO
CLRINT
ODHI
+
-
OCI
CS
S
R
Q
OCO LOGIC
OD
OC
OCO
OCSTATUS
OCICMP
a) DISCHARGING DIRECTION
b) CHARGING DIRECTION
POWER-ON
RESET
OCLO
CLRINT
OCHI
Figure 7. Overcurrent Comparator Section Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com