Electronic Components Datasheet Search
  English  ▼

X  

MAX1660EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1660EEE
Description  Digitally Controlled Fuel-Gauge Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1660EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1660EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Digitally Controlled
Fuel-Gauge Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V SHDN = VBATT = 12V, VSCL = VSDA = 3.6V, CREF = 10nF, CVL = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
VTH1, VL rising
VVL = 3V, ISINK = 1.2mA
CONDITIONS
VVL = 1V, ISINK = 50µA
VTH2, VL falling
2.75
2.90
3.05
V
1.0
1.7
2.2
0.3
V
0.3
VRST
RST Output Voltage
VTH1,
VTH2
RST Threshold Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SHDN forced to 28V
SHDN forced to 3.6V
Output forced to 5V
ms
25
RST Active Timeout Period
20
100
µA
0.7
3.0
ISHDN
SHDN Input Bias Current
µA
0.01
1
SCL, SDA, INT, RST Leakage
Current
VODO = 0.4V
VODO = 28V
V SHDN = 3.3V, SOFTSHDN = 0, IVL = 0
VODO = 0.4V
(Note 1)
VCS = 120mV
VCS = 0
0
≤ IREF ≤ 200µA
IREF = 0
V SHDN = 3.3V, SOFTSHDN = 1, IVL = 0
V SHDN
≤ 0.4V
SOFTSHDN = 0, 0
≤ IVL ≤ 5mA
VCS = -120mV
SOFTSHDN = 1, 0
≤ IVL ≤ 5mA
VCS = 0
CONDITIONS
mA
1
OCO Sink Current
µA
1
ODO Off-Leakage Current
mA
1
ODO Sink Current
µA
-1
1
OCI, ODI Input Offset Current
mV
-10
10
OCI, ODI Input Offset Voltage
49,250
50,750
Counts/s
012
Charge Coulomb-Counter
Accumulation Rate
49,250
50,750
Counts/s
012
Discharge Coulomb-Counter
Accumulation Rate
µA
135
IBATT
BATT Supply Current
V
428
VBATT
BATT Input Voltage Range
µV/µA
50
REF Load Regulation
V
1.96
2.04
VREF
REF Output Voltage
30
1
V
3.1
3.4
VVL
VL Output Voltage
3.1
3.6
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VODO = 28V
µA
1
OCO Off-Leakage Current
ELECTRICAL CHARACTERISTICS
(V SHDN = VBATT = 12V, VSCL = VSDA = 3.6V, CREF = 10nF, CVL = 0.1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
SUPPLY AND REFERENCES
FUEL GAUGE
OVERCURRENT COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com