Electronic Components Datasheet Search
  English  ▼

X  

MAX1660EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1660EEE
Description  Digitally Controlled Fuel-Gauge Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1660EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1660EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Digitally Controlled
Fuel-Gauge Interface
_______________________________________________________________________________________
5
SCL
START
CONDITION
tHIGH
SDA
tLOW
tHD:STA
tSU:STA
tSU:DAT
tHD:DAT
tSU:DAT
tHD:DAT
MOST SIGNIFICANT ADDRESS BIT
(A6) CLOCKED INTO SLAVE
A5 CLOCKED
INTO SLAVE
A4 CLOCKED
INTO SLAVE
A3 CLOCKED
INTO SLAVE
Note 1: OCI and ODI are MOSFET inputs. Minimum and maximum limits are for production screening only. Actual performance is
indicated in typical value.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
CONDITIONS
µs
1
tDV
SCL Falling Edge to SDA Valid, Master
Clocking in Data
ns
0
tHD:DAT
SCL Falling Edge to SDA Transition
ns
800
tSU:DAT
SDA Valid to SCL Rising-Edge Setup
Time, Slave Clocking in Data
µs
4
tHD:STA
START Condition Hold Time
µs
4.7
tSU:STA
START Condition Setup Time
µs
4.7
tLOW
SCL Serial-Clock Low Period
µs
4
tHIGH
SCL Serial-Clock High Period
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TIMING CHARACTERISTICS
(TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
Figure 1. SMBus Serial-Interface Timing—Address
SCL
RW BIT
CLOCKED
INTO SLAVE
SDA
tDV
tDV
ACKNOWLEDGE
BIT CLOCKED
INTO MASTER
SLAVE PULLING
SDA LOW
MOST SIGNIFICANT BIT
OF DATA CLOCKED
INTO MASTER
Figure 2. SMBus Serial-Interface Timing—Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com