Electronic Components Datasheet Search
  English  ▼

X  

AMC23C12 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C12
Description  AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C12 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC23C12 Datasheet HTML 8Page - Texas Instruments AMC23C12 Datasheet HTML 9Page - Texas Instruments AMC23C12 Datasheet HTML 10Page - Texas Instruments AMC23C12 Datasheet HTML 11Page - Texas Instruments AMC23C12 Datasheet HTML 12Page - Texas Instruments AMC23C12 Datasheet HTML 13Page - Texas Instruments AMC23C12 Datasheet HTML 14Page - Texas Instruments AMC23C12 Datasheet HTML 15Page - Texas Instruments AMC23C12 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
7 Detailed Description
7.1 Overview
The AMC23C12-Q1 is an isolated window comparator with an open-drain output and optional latch function.
The window comparator is comprised of comparator Cmp0 and Cmp1. Cmp0 compares the input voltage (VIN)
against the positive threshold (VIT+) and Cmp1 compares the input voltage (VIN) against the negative threshold
(VIT–). VIT+ and VIT– are of equal magnitude but opposite signs, therefore the comparison window is centered
around 0 V. The comparison threshold is adjustable from ±20 mV to ±300 mV through an internally generated
100-μA reference current and a single external resistor.
The open-drain output is actively pulled low when the input voltage (VIN) is outside the comparison window.
The behavior when VIN drops back inside the window is determined by the LATCH pin, as described in the
Open-Drain Digital Output section.
When the voltage on the REF pin is greater than VMSEL, the device operates in positive-comparator mode. This
mode is particularly useful for monitoring positive voltages. The negative comparator (Cmp1) is disabled and
only the positive comparator (Cmp0) is functional. The reference voltage in this mode can be as high as 2.7 V.
Galvanic isolation between the high- and low-voltage side of the device is achieved by transmitting the
comparator states across a SiO2-based, reinforced capacitive isolation barrier. This isolation barrier supports
a high level of magnetic field immunity, as described in the ISO72x Digital Isolator Magnetic-Field Immunity
application report. The digital modulation scheme used in the AMC23C12-Q1 to transmit data across the
isolation barrier, and the isolation barrier characteristics itself, result in high reliability and common-mode
transient immunity.
7.2 Functional Block Diagram
GND2
OUT
LATCH
VDD2
GND1
IN
REF
VDD1
AMC23C12-Q1
–VREF
VREF
Cmp0
Cmp1
LDO
100 μA
AMC23C12-Q1
SBASAB6 – MARCH 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC23C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com