Electronic Components Datasheet Search
  English  ▼

X  

AMC23C12 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C12
Description  AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C12 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC23C12 Datasheet HTML 9Page - Texas Instruments AMC23C12 Datasheet HTML 10Page - Texas Instruments AMC23C12 Datasheet HTML 11Page - Texas Instruments AMC23C12 Datasheet HTML 12Page - Texas Instruments AMC23C12 Datasheet HTML 13Page - Texas Instruments AMC23C12 Datasheet HTML 14Page - Texas Instruments AMC23C12 Datasheet HTML 15Page - Texas Instruments AMC23C12 Datasheet HTML 16Page - Texas Instruments AMC23C12 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
7.3 Feature Description
7.3.1 Analog Input
The positive comparator trips when the input voltage (VIN) rises above the VIT+ threshold that is defined as the
reference value plus the internal hysteresis voltage. The positive comparator releases when VIN drops below
the VIT– threshold that equals the reference value. The negative comparator trips when VIN drops below its VIT–
threshold that is defined as the negative reference value minus the internal hysteresis voltage. The negative
comparator releases when VIN rises above its VIT+ threshold that equals the negative reference value.
The difference between VIT+ and VIT– is referred to as the comparator hysteresis and is 4 mV for reference
voltages below 450 mV. The integrated hysteresis makes the AMC23C12-Q1 less sensitive to input noise and
provides stable operation in noisy environments without having to add external positive feedback to create
hysteresis. The hysteresis of Cmp0 increases to 25 mV for reference values (VREF) greater than 600 mV. See
the Reference Input description for more details.
Figure 7-1 shows a timing diagram of the relationship between hysteresis and switching thresholds.
VIN
OUT
VIT+
VIT– (VREF)
VIT+ (–VREF)
VIT–
VHYS
VHYS
0 V
LATCH
Figure 7-1. Switching Thresholds and Hysteresis
www.ti.com
AMC23C12-Q1
SBASAB6 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC23C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com