Electronic Components Datasheet Search
  English  ▼

X  

AMC23C12 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C12
Description  AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C12 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC23C12 Datasheet HTML 17Page - Texas Instruments AMC23C12 Datasheet HTML 18Page - Texas Instruments AMC23C12 Datasheet HTML 19Page - Texas Instruments AMC23C12 Datasheet HTML 20Page - Texas Instruments AMC23C12 Datasheet HTML 21Page - Texas Instruments AMC23C12 Datasheet HTML 22Page - Texas Instruments AMC23C12 Datasheet HTML 23Page - Texas Instruments AMC23C12 Datasheet HTML 24Page - Texas Instruments AMC23C12 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
With its low response time, high common-mode transient immunity (CMTI) and reinforced isolation barrier, the
AMC23C12-Q1 is designed to provide fast and reliable overcurrent and overvoltage detection for high-voltage
applications in harsh and noisy environments.
8.2 Typical Applications
8.2.1 Overcurrent Detection
Fast overcurrent detection is a common requirement in DC/DC converter and motor-control applications, and
can be implemented with an AMC23C12-Q1 isolated window comparator as shown in Figure 8-1.
RSHUNT
10 m
HS Gate Driver Supply (3..25 V)
DC-link
VDD1
GND1
INP
INN
AMC1300B-Q1
VDD2
OUTP
OUTN
GND2
Low-side supply (3..5.5 V)
ADC
LS Gate Driver Supply
Low-side supply (3..5.5 V)
VDD1
GND1
IN
REF
AMC23C12-Q1
VDD2
LATCH
OUT
GND2
C5
100 nF
C1
100 nF
C2
1 µF
R1
1.96 k
C3
100 nF
C4
1 µF
R2
4.7 k
R4
10
to MCU
from MCU
C6
1 nF
R5
10
M
3~
Figure 8-1. Using the AMC23C12-Q1 for Overcurrent Detection
The load current flowing through an external shunt resistor RSHUNT produces a voltage drop that is sensed by
the AMC1300B-Q1 for control purposes. The same voltage is monitored by the AMC23C12-Q1 that is connected
in parallel to the current-sensing amplifier and provides a fast sensing path for positive and negative fault-current
detection. The overcurrent detection threshold is set by the external resistor R1 and the overcurrent event is
signaled on the open-drain output OUT.
As depicted in Figure 8-1, the integrated low-dropout (LDO) regulator on the high-side allows direct connection
of the VDD1 input to a commonly used floating gate-driver supply. Alternatively, the AMC23C12-Q1 can share
a regulated supply with the AMC1300B-Q1. In that case, the VDD1 pin of the AMC23C12-Q1 connects directly
to the VDD1 pin of the AMC1300B-Q1 and R4 is not needed. The fast response time and high common-mode
www.ti.com
AMC23C12-Q1
SBASAB6 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC23C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com