Electronic Components Datasheet Search
  English  ▼

X  

TMUX7349F Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX7349F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7349F Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7349F Datasheet HTML 1Page - Texas Instruments TMUX7349F Datasheet HTML 2Page - Texas Instruments TMUX7349F Datasheet HTML 3Page - Texas Instruments TMUX7349F Datasheet HTML 4Page - Texas Instruments TMUX7349F Datasheet HTML 5Page - Texas Instruments TMUX7349F Datasheet HTML 6Page - Texas Instruments TMUX7349F Datasheet HTML 7Page - Texas Instruments TMUX7349F Datasheet HTML 8Page - Texas Instruments TMUX7349F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
5 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX7348F
+60 V/ –60 V Tolerant, Fault-protected, Latch-up Immune, Single-Ended 8:1 Multiplexers with Adjustable Fault Threshold
TMUX7349F
+60 V/ –60 V Tolerant, Fault-protected, Latch-up Immune, Dual 4:1 Multiplexers with Adjustable Fault Threshold
6 Pin Configuration and Functions
1
A0
20
A1
2
EN
19
A2
3
VSS
18
GND
4
S1
17
VDD
5
S2
16
S5
6
S3
15
S6
7
S4
14
S7
8
D
13
S8
9
VFN
12
VFP
10
SF
11
FF
Not to scale
Figure 6-1. (Preview) PW Package, 20-Pin TSSOP
(Top View)
1
VSS
15
VDD
2
S1
14
S5
3
S2
13
S6
4
S3
12
S7
5
S4
11
S8
Not to scale
Thermal
Pad
Figure 6-2. RTJ Package, 20-Pin WQFN (Top View)
Table 6-1. Pin Functions: TMUX7348F
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP(2)
WQFN
A0
1
19
I
Logic control input address 0 (A0). The pin has a 4 MΩ internal pull-down resistor. This pin can also
be used together with the specific fault pin (SF) to indicate which input is under fault. See Section
9.4.3 for more details.
A1
20
18
I
Logic control input address 1 (A1). The pin has a 4 MΩ internal pull-down resistor. This pin can also
be used together with the specific fault pin (SF) to indicate which input is under fault. See Section
9.4.3 for more details.
A2
19
17
I
Logic control input address 2 (A2). The pin has a 4 MΩ internal pull-down resistor. This pin can also
be used together with the specific fault pin (SF) to indicate which input is under fault. See Section
9.4.3 for more details.
D
8
6
I/O
Drain pin. Can be an input or output. The drain pin is not overvoltage protected and shall remain
within the recommended operating range.
EN
2
20
I
Active high logic enable (EN) pin. The pin has a 4 MΩ internal pull-down resistor. The device is
disabled and all switches become high impedance when the pin is low. When the pin is high, the Ax
logic inputs determine individual switch states. See Section 9.4.3 for more details.
FF
11
9
O
General fault flag. This pin is an open drain output and is asserted low when overvoltage condition is
detected on any of the source (Sx) input pins. Connect this pin to an external supply (1.8 V to 5.5 V)
through a 1 kΩ pull-up resistor.
GND
18
16
P
Ground (0 V) reference
S1
4
2
I/O
Overvoltage protected source pin 1. Can be an input or output.
S2
5
3
I/O
Overvoltage protected source pin 2. Can be an input or output.
S3
6
4
I/O
Overvoltage protected source pin 3. Can be an input or output.
S4
7
5
I/O
Overvoltage protected source pin 4. Can be an input or output.
S5
16
14
I/O
Overvoltage protected source pin 5. Can be an input or output.
S6
15
13
I/O
Overvoltage protected source pin 6. Can be an input or output.
S7
14
12
I/O
Overvoltage protected source pin 7. Can be an input or output.
S8
13
11
I/O
Overvoltage protected source pin 8. Can be an input or output.
SF
10
8
O
Specific fault flag. This pin is an open drain output and is asserted low when overvoltage condition is
detected on a specific pin, depending on the state of A0, A1, and A2 , as shown in Table 9-1. Connect
this pin to an external supply (1.8 V to 5.5 V) through a 1 kΩ pull-up resistor.
www.ti.com
TMUX7348F
SCDS400 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com