Electronic Components Datasheet Search
  English  ▼

X  

TMUX7349F Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX7349F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7349F Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7349F Datasheet HTML 14Page - Texas Instruments TMUX7349F Datasheet HTML 15Page - Texas Instruments TMUX7349F Datasheet HTML 16Page - Texas Instruments TMUX7349F Datasheet HTML 17Page - Texas Instruments TMUX7349F Datasheet HTML 18Page - Texas Instruments TMUX7349F Datasheet HTML 19Page - Texas Instruments TMUX7349F Datasheet HTML 20Page - Texas Instruments TMUX7349F Datasheet HTML 21Page - Texas Instruments TMUX7349F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
7.9 36 V Single Supply: Electrical Characteristics
VDD = +36 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +36 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to 28 V,
IS = –1 mA
25°C
180
250
Ω
–40°C to +85°C
330
–40°C to +125°C
390
ΔRON
On-resistance mismatch between
channels
VS = 0 V to 28 V,
IS = –1 mA
25°C
2.5
8
Ω
–40°C to +85°C
12
–40°C to +125°C
13
RFLAT
On-resistance flatness
VS = 0 V to 30 V,
IS = –1 mA
25°C
8
65
Ω
–40°C to +85°C
75
–40°C to +125°C
90
RFLAT
On-resistance flatness
VS = 1 V to 28 V,
IS = –1 mA
25°C
1.5
3
–40°C to +85°C
4
–40°C to +125°C
4
RON_DRIFT
On-resistance drift
VS = 18 V, IS = –1 mA
–40°C to +125°C
1
Ω/°C
IS(OFF)
Source off leakage current(1)
VDD = 39.6 V, VSS = 0 V
Switch state is off
VS = 30 V / 1 V
VD = 1 V / 30 V
25°C
–1
0.1
1
nA
–40°C to +85°C
–1
1
–40°C to +125°C
–4
4
ID(OFF)
Output on leakage current(2)
VDD = 39.6 V, VSS = 0 V
Switch state is off
VS = 30 V / 1 V
VD = 1 V / 30 V
25°C
–1
0.1
1
nA
–40°C to +85°C
–3
3
–40°C to +125°C
–14
14
IS(ON)
ID(ON)
Output on leakage current(1)
VDD = 39.6 V, VSS = 0 V
Switch state is on
VS = VD = 30 V or 1 V
25°C
–1.5
0.3
1.5
nA
–40°C to +85°C
–5
5
–40°C to +125°C
–22
22
FAULT CONDITION
IS(FA)
Input leakage current
durring overvoltage
VS = 60 / –40 V, GND = 0V
VDD = VFP = 39.6 V, VSS = VFN = 0 V
–40°C to +125°C
±110
µA
IS(FA) Grounded
Input leakage current
during overvoltage with
grounded supply voltages
VS = ± 60 V, GND = 0V
VDD = VSS = VFP = VFN= 0 V
–40°C to +125°C
±135
µA
IS(FA) Floating
Input leakage current
during overvoltage with
floating supply voltages
VS = ± 60 V, GND = 0V
VDD = VSS = VFP = VFN= floating
–40°C to +125°C
±135
µA
ID(FA)
Output leakage current
during overvoltage
VS = 60 / –40 V, GND = 0V,
VDD = VFP = 39.6 V, VSS = VFN = 0 V
1V ≤ VD ≤ 39.6V
25°C
–50
±10
50
nA
–40°C to +85°C
–70
70
–40°C to +125°C
–90
90
ID(FA) Grounded
Output leakage current
during overvoltage with
grounded supply voltages
VS = ± 60 V, GND = 0V,
VDD = VSS = VFP = VFN= 0 V
25°C
–50
±1
50
nA
–40°C to +85°C
–100
100
–40°C to +125°C
–500
500
ID(FA) Floating
Output leakage current
during overvoltage with
floating supply voltages
VS = ± 60 V, GND = 0V,
VDD = VSS = VFP = VFN= floating
25°C
±3
µA
–40°C to +85°C
±5
–40°C to +125°C
±8
LOGIC INPUT/ OUTPUT
IIH
High-level input current
VEN = VAx = VDD
25°C
–3.2
± 0.6
3.2
µA
–40°C to +125°C
–3.2
3.2
IIL
Low-level input current
VEN = VAx = 0 V
25°C
–1.1
± 0.6
1.1
µA
–40°C to +125°C
–1.2
1.2
TMUX7348F
SCDS400 – MARCH 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com