Electronic Components Datasheet Search
  English  ▼

X  

TMUX7349F Datasheet(PDF) 4 Page - Texas Instruments

Part # TMUX7349F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7349F Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7349F Datasheet HTML 1Page - Texas Instruments TMUX7349F Datasheet HTML 2Page - Texas Instruments TMUX7349F Datasheet HTML 3Page - Texas Instruments TMUX7349F Datasheet HTML 4Page - Texas Instruments TMUX7349F Datasheet HTML 5Page - Texas Instruments TMUX7349F Datasheet HTML 6Page - Texas Instruments TMUX7349F Datasheet HTML 7Page - Texas Instruments TMUX7349F Datasheet HTML 8Page - Texas Instruments TMUX7349F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Table 6-1. Pin Functions: TMUX7348F (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP(2)
WQFN
VDD
17
15
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
VFN
9
7
P
Negative fault voltage supply that determines the overvoltage protection triggering threshold on the
negative side. Connect to VSS if the triggering threshold is to be the same as the device's negative
supply. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between
VFN and GND.
VFP
12
10
P
Positive fault voltage supply that determines the overvoltage protection triggering threshold on the
positive side. Connect to VDD if the triggering threshold is to be the same as the device's positive
supply. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between
VFP and GND.
VSS
3
1
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
Thermal Pad
—
Thermal pad. The thermal pad is not connected internally. It is recommended that the pad be tied to
GND or VSS for best performance.
(1)
I = input, O = output, I/O = input and output, P = power
(2)
Preview package
1
A0
20
A1
2
EN
19
GND
3
VSS
18
VDD
4
S1A
17
S1B
5
S2A
16
S2B
6
S3A
15
S3B
7
S4A
14
S4B
8
DA
13
DB
9
VFN
12
VFP
10
SF
11
FF
Not to scale
Figure 6-3. (Preview) PW Package, 20-Pin TSSOP
(Top View)
1
VSS
15
S1B
2
S1A
14
S2B
3
S2A
13
S3B
4
S3A
12
S4B
5
S4A
11
DB
Not to scale
Thermal
Pad
Figure 6-4. (Preview) RTJ Package, 20-Pin WQFN
(Top View)
Table 6-2. Pin Functions: TMUX7349F
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP(2)
WQFN(2)
A0
1
19
I
Logic control input address 0 (A0). The pin has a 4 MΩ internal pull-down resistor. This pin can also be
used together with the specific fault pin (SF) to indicate which input is under fault. See Section 9.4.3
for more details.
A1
20
18
I
Logic control input address 1 (A1). The pin has a 4 MΩ internal pull-down resistor. This pin can also be
used together with the specific fault pin (SF) to indicate which input is under fault. See Section 9.4.3
for more details.
DA
8
6
I/O
Drain terminal A. Can be an input or output. The drain pin is not overvoltage protected and shall
remain within the recommended operating range.
DB
13
11
I/O
Drain terminal B. Can be an input or output. The drain pin is not overvoltage protected and shall
remain within the recommended operating range.
EN
2
20
I
Active high logic enable (EN) pin. The pin has a 4 MΩ internal pull-down resistor. The device is
disabled and all switches become high impedance when the pin is low. When the pin is high, the Ax
logic inputs determine individual switch states. This pin can also be used together with the specific
fault pin (SF) to indicate which input is under fault. See Section 9.4.3 for more details.
FF
11
9
O
General fault flag. This pin is an open drain output and is asserted low when overvoltage condition is
detected on any of the source (Sx) input pins. Connect this pin to an external supply (1.8 V to 5.5 V)
through a 1 kΩ pull-up resistor.
GND
19
17
P
Ground (0 V) reference
TMUX7348F
SCDS400 – MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com