Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652P Datasheet(HTML) 4 Page - Texas Instruments

  CC2652P Datasheet HTML 1Page - Texas Instruments CC2652P Datasheet HTML 2Page - Texas Instruments CC2652P Datasheet HTML 3Page - Texas Instruments CC2652P Datasheet HTML 4Page - Texas Instruments CC2652P Datasheet HTML 5Page - Texas Instruments CC2652P Datasheet HTML 6Page - Texas Instruments CC2652P Datasheet HTML 7Page - Texas Instruments CC2652P Datasheet HTML 8Page - Texas Instruments CC2652P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 2
3 Description.......................................................................2
4 Functional Block Diagram.............................................. 3
5 Revision History.............................................................. 4
6 Device Comparison......................................................... 5
7 Pin Configuration and Functions...................................6
7.1 Pin Diagram – RGZ Package (Top View)....................6
7.2 Signal Descriptions – RGZ Package...........................7
7.3 Pin Diagram – RKP Package (Top View)....................9
7.4 Signal Descriptions – RKP Package...........................9
7.5 Connections for Unused Pins and Modules.............. 11
8 Specifications................................................................ 12
8.1 Absolute Maximum Ratings...................................... 12
8.2 ESD Ratings............................................................. 12
8.3 Recommended Operating Conditions.......................12
8.4 Power Supply and Modules...................................... 12
8.5 Power Consumption - Power Modes........................ 13
8.6 Power Consumption - Radio Modes......................... 14
8.7 Nonvolatile (Flash) Memory Characteristics............. 14
8.8 Thermal Resistance Characteristics......................... 14
8.9 RF Frequency Bands................................................ 15
8.10 Bluetooth Low Energy - Receive (RX).................... 16
8.11 Bluetooth Low Energy - Transmit (TX).................... 19
8.12 Zigbee - IEEE 802.15.4-2006 2.4 GHz
(OQPSK DSSS1:8, 250 kbps) - RX.............................20
8.13 Zigbee - IEEE 802.15.4-2006 2.4 GHz
(OQPSK DSSS1:8, 250 kbps) - TX............................. 21
8.14 Timing and Switching Characteristics..................... 22
8.15 Peripheral Characteristics.......................................25
8.16 Typical Characteristics............................................ 31
9 Detailed Description......................................................39
9.1 Overview................................................................... 39
9.2 System CPU............................................................. 39
9.3 Radio (RF Core)........................................................40
9.4 Memory..................................................................... 41
9.5 Cryptography............................................................ 42
9.6 Timers....................................................................... 43
9.7 Serial Peripherals and I/O.........................................44
9.8 Battery and Temperature Monitor............................. 44
9.9 µDMA........................................................................44
9.10 Debug..................................................................... 44
9.11 Power Management................................................ 45
9.12 Clock Systems........................................................ 46
9.13 Network Processor..................................................46
10 Application, Implementation, and Layout................. 47
10.1 Reference Designs................................................. 47
11 Device and Documentation Support..........................48
11.1 Device Nomenclature..............................................48
11.2 Tools and Software..................................................49
11.3 Documentation Support.......................................... 51
11.4 Support Resources................................................. 51
11.5 Trademarks............................................................. 51
11.6 Electrostatic Discharge Caution.............................. 52
11.7 Glossary.................................................................. 52
12 Mechanical, Packaging, and Orderable
Information.................................................................... 53
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
March 2022
*
Initial Release
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com