Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652P Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 20Page - Texas Instruments CC2652P Datasheet HTML 21Page - Texas Instruments CC2652P Datasheet HTML 22Page - Texas Instruments CC2652P Datasheet HTML 23Page - Texas Instruments CC2652P Datasheet HTML 24Page - Texas Instruments CC2652P Datasheet HTML 25Page - Texas Instruments CC2652P Datasheet HTML 26Page - Texas Instruments CC2652P Datasheet HTML 27Page - Texas Instruments CC2652P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
0
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
MSB
LSB
S2
S3
S1
8-bit control
4 to 16 bits output data
Figure 8-2. SSI Timing for MICROWIRE Frame Format (FRF = 10), Single Transfer
SSIClk
(SPO = 1)
SSITx
(Master)
SSIRx
(Slave)
LSB
SSIClk
(SPO = 0)
S2
S1
SSIFss
LSB
S3
MSB
MSB
Figure 8-3. SSI Timing for SPI Frame Format (FRF = 00), With SPH = 1
8.14.5 UART
8.14.5.1 UART Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
UART rate
3
MBaud
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com