Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652P Datasheet(HTML) 3 Page - Texas Instruments

  CC2652P Datasheet HTML 1Page - Texas Instruments CC2652P Datasheet HTML 2Page - Texas Instruments CC2652P Datasheet HTML 3Page - Texas Instruments CC2652P Datasheet HTML 4Page - Texas Instruments CC2652P Datasheet HTML 5Page - Texas Instruments CC2652P Datasheet HTML 6Page - Texas Instruments CC2652P Datasheet HTML 7Page - Texas Instruments CC2652P Datasheet HTML 8Page - Texas Instruments CC2652P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
4 Functional Block Diagram
Main CPU
352KB
Flash
with 8KB
Cache
cJTAG
32KB
SRAM
Arm
® Cortex®-M4
Processor
LDO, Clocks, and References
Optional DC/DC Converter
RF Core
Arm
® Cortex®-M0
Processor
DSP Modem
SRAM
ROM
ADC
ADC
48 MHz
Digital PLL
40KB
ROM
General Hardware Peripherals and Modules
4× 32-bit Timers
SSI (SPI)
Watchdog Timer
Temperature and
Battery Monitor
RTC
I
2C
UART
I
2S
Up to 26 GPIOs
AES & TRNG
32 ch. µDMA
Low-Power Comparator
12-bit ADC, 200 ks/s
Time-to-Digital Converter
8-bit DAC
Figure 4-1. CC2651P3 Functional Block Diagram
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com