Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7768
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7768 Datasheet HTML 36Page - Analog Devices AD7768 Datasheet HTML 37Page - Analog Devices AD7768 Datasheet HTML 38Page - Analog Devices AD7768 Datasheet HTML 39Page - Analog Devices AD7768 Datasheet HTML 40Page - Analog Devices AD7768 Datasheet HTML 41Page - Analog Devices AD7768 Datasheet HTML 42Page - Analog Devices AD7768 Datasheet HTML 43Page - Analog Devices AD7768 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 40 of 59
REGISTER SUMMARY
Table 9. Register Summary
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
GAIN_MUX
G4
G[3:0]
Reserved
EXT_MUX[1:0]
0x01
Reset
Reserved
RST
0x02
SYNC_CFG
Reserved
CLK_
OUT_SEL
Reserved
SYNC_POL
Reserved
SYNC[2:0]
0x03
DIGITAL_ERR
Reserved
CAL_BUSY SPI_
CRC_ERR
SPI_RW_ERR SPI_SCLK_
CNT_ERR
Reserved
MM_CRC_
ERR
ROM_CRC_ERR
0x04
ANALOG_ERR
G_RST
POR_HV
Reserved
WB_ERR
FAULT_INT
OUTPUT_ERR
INPUT_ERR
MUX_OVER_VOLT_
ERR
0x05
GPIO_DATA
Reserved
GPIO_DATA[6:0]
0x06
INPUT_MUX
Reserved
SW_A1
SW_A2
SW_B1
SW_B2
SW_C1
SW_C2
SW_D12
0x07
WB_DETECT
WB_G_
RST_DIS
Reserved
SW_F1
SW_F2
WB_CURRENT[1:0]
0x08
GPIO_DIR
Reserved
GPIO_DIR[6:0]
0x09
SCS
Reserved
SCS[6:0]
0x0A
ANALOG_
ERR_DIS
G_RST_DIS
POR_HV_
DIS
Reserved
WB_ERR_
DIS
MUX_PROT_
DIS
OUTPUT_ERR_
DIS
INPUT_ERR_
DIS
MUX_OVER_VOLT_
ERR_DIS
0x0B
DIGITAL_ERR_
DIS
Reserved
CAL_
BUSY_DIS
SPI_CRC
_ERR_DIS
SPI_RW_
ERR_DIS
SPI_SCLK_
CNT_ERR_DIS
M_CLK_
CNT_ERR_DIS
MM_CRC_
ERR_DIS
ROM_CRC_
ERR_DIS
0x0C
SF_CFG
Reserved
INT_CLK_
OUT
EXT_CLK_IN
FAULT_INT_
OUT
CAL_BUSY_
OUT
EXT_MUX_EN[1:0]
0x0D
ERR_CFG
ERR_
LATCH_DIS
Reserved
ERR_DELAY[3:0]
0x0E
TEST_MUX
G5
CAL_SEL
CAL_EN[1:0]
TEST_MUX[3:0]
0x0F
EX_CURRENT_
CFG
EX_CURRENT_SEL[1:0]
Reserved
EX_CURRENT[3:0]
0x10
GAIN_CALx
Reserved
GAIN_CAL1[4:0]
0x11
Reserved
GAIN_CAL2[4:0]
0x12
Reserved
GAIN_CAL3[4:0]
0x13
Reserved
GAIN_CAL4[4:0]
0x14
Reserved
GAIN_CAL5[4:0]
0x15
Reserved
GAIN_CAL6[4:0]
0x16
Reserved
GAIN_CAL7[4:0]
0x17
Reserved
GAIN_CAL8[4:0]
0x18
Reserved
GAIN_CAL9[4:0]
0x19
Reserved
GAIN_CAL10[4:0]
0x1A
Reserved
GAIN_CAL11[4:0]
0x1B
Reserved
GAIN_CAL12[4:0]
0x1C
Reserved
GAIN_CAL13[4:0]
0x1D
Reserved
GAIN_CAL14[4:0]
0x1E
Reserved
GAIN_CAL15[4:0]
0x1F
Reserved
GAIN_CAL16[4:0]
0x20
Reserved
GAIN_CAL17[4:0]
0x21
Reserved
GAIN_CAL18[4:0]
0x22
Reserved
GAIN_CAL19[4:0]
0x23
Reserved
GAIN_CAL20[4:0]
0x24
Reserved
GAIN_CAL21[4:0]
0x25
Reserved
GAIN_CAL22[4:0]
0x26
Reserved
GAIN_CAL23[4:0]
0x27
Reserved
GAIN_CAL24[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com