Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7768
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7768 Datasheet HTML 16Page - Analog Devices AD7768 Datasheet HTML 17Page - Analog Devices AD7768 Datasheet HTML 18Page - Analog Devices AD7768 Datasheet HTML 19Page - Analog Devices AD7768 Datasheet HTML 20Page - Analog Devices AD7768 Datasheet HTML 21Page - Analog Devices AD7768 Datasheet HTML 22Page - Analog Devices AD7768 Datasheet HTML 23Page - Analog Devices AD7768 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 20 of 59
SHORT-CIRCUIT CURRENT (mA)
0
10
20
30
40
50
60
6
8
10
12
14
16
18
20
N = 4356 UNITS
µ = 12mA
σ = 1.3mA
Figure 61. Sourcing Short-Circuit Current Distribution
10µs/DIV
–IN1 INPUT SIGNAL
+IN1 = 0V
DIFFERENTIAL
OUTPUT VOLTAGE
FAULT INTERRUPT
Figure 62. Large Signal Step Response (Gain = 128 V/V)
10µs/DIV
DIFFERENTIAL
OUTPUT VOLTAGE
– IN1 INPUT SIGNAL
+IN1 = 0V
INPUT
OVERLOADED
FAULT INTERRUPT
Figure 63. Input Overload Recovery Step Response (Gain = 1 V/V)
0
10
20
30
40
50
60
10
12
14
16
8
6
4
SHORT-CIRCUIT CURRENT (mA)
N = 4356 UNITS
µ = 9mA
σ = 1mA
Figure 64. Sinking Short-Circuit Current Distribution
10µs/DIV
–IN1 INPUT SIGNAL
+IN1 = 0V
DIFFERENTIAL
OUTPUT VOLTAGE
FAULT INTERRUPT
Figure 65. Large Signal Step Response (Gain = 8 V/V)
10µs/DIV
DIFFERENTIAL
OUTPUT VOLTAGE
– IN1 INPUT SIGNAL
+IN1 = 0V
FAULT INTERRUPT
Figure 66. Large Signal Step Response (Gain = 1 V/V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com