Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7768
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7768 Datasheet HTML 26Page - Analog Devices AD7768 Datasheet HTML 27Page - Analog Devices AD7768 Datasheet HTML 28Page - Analog Devices AD7768 Datasheet HTML 29Page - Analog Devices AD7768 Datasheet HTML 30Page - Analog Devices AD7768 Datasheet HTML 31Page - Analog Devices AD7768 Datasheet HTML 32Page - Analog Devices AD7768 Datasheet HTML 33Page - Analog Devices AD7768 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 30 of 59
GAIN ERROR CALIBRATION
The ADA4254 includes measured gain errors for all 32 gain
combinations, readable from the on-chip ROM. These errors
are measured at 25°C and are stored in Register 0x10 through
Register 0x27 at the time of production. Using this technology
improves gain accuracy by a factor of 5, improving system
accuracy and reducing additional calibration requirements.
Each register contains 5 bits. The most significant bit (MSB)
represents the polarity of the error, with a setting of 1 indicating a
negative polarity and a setting of 0 indicating a positive polarity.
The remaining 4 bits contain the magnitude based on a least
significant bit (LSB) of 100 ppm for GAIN_CAL1 through
GAIN_CAL12 and 50 ppm for GAIN_CAL13 through
GAIN_CAL24.
GAIN_CAL1 through GAIN_CAL12 directly provide the
measured gain errors of all 12 gain values with the scaling gain
set to 1 V/V. GAIN_CAL13 through GAIN_CAL24 provide
additional gain error incurred when using other scalar gains.
This is tabulated in Table 7.
Table 7. Gain Calibration Register Contents1
Register
Name
G[3:0]
G4
G5
Contents
0x10
GAIN_CAL1
0b0000
0
0
Gain error for G = 1/16 V/V × 1 V/V
0x11
GAIN_CAL2
0b0001
0
0
Gain error for G = 1/8 V/V × 1 V/V
0x12
GAIN_CAL3
0b0010
0
0
Gain error for G = 1/4 V/V × 1 V/V
0x13
GAIN_CAL4
0b0011
0
0
Gain error for G = 1/2 V/V × 1 V/V
0x14
GAIN_CAL5
0b0100
0
0
Gain error for G = 1 V/V × 1 V/V
0x15
GAIN_CAL6
0b0101
0
0
Gain error for G = 2 V/V × 1 V/V
0x16
GAIN_CAL7
0b0110
0
0
Gain error for G = 4 V/V × 1 V/V
0x17
GAIN_CAL8
0b0111
0
0
Gain error for G = 8 V/V × 1 V/V
0x18
GAIN_CAL9
0b1000
0
0
Gain error for G = 16 V/V × 1 V/V
0x19
GAIN_CAL10
0b1001
0
0
Gain error for G = 32 V/V × 1 V/V
0x1A
GAIN_CAL11
0b1010
0
0
Gain error for G = 64 V/V × 1 V/V
0x1B
GAIN_CAL12
0b1011
0
0
Gain error for G = 128 V/V × 1 V/V
0x1C
GAIN_CAL13
0b000x
1
X
Additional gain error for G = 1/16 V/V × 1.375 V/V or G = 1/8 V/V × 1.375 V/V
0x1D
GAIN_CAL14
0b001x
1
X
Additional gain error for G = 1/4 V/V × 1.375 V/V or G = 1/2 V/V × 1.375 V/V
0x1E
GAIN_CAL15
0b010x
1
X
Additional gain error for G = 1 V/V × 1.375 V/V or G = 2 V/V × 1.375 V/V
0x1F
GAIN_CAL16
0b011x
1
X
Additional gain error for G = 4 V/V × 1.375 V/V or G = 8 V/V × 1.375 V/V
0x20
GAIN_CAL17
0b100x
1
X
Additional gain error for G = 16 V/V × 1.375 V/V or G = 32 V/V × 1.375 V/V
0x21
GAIN_CAL18
0b101x
1
X
Additional gain error for G = 64 V/V × 1.375 V/V or G = 128 V/V × 1.375 V/V
0x22
GAIN_CAL19
0b000x
0
1
Additional gain error for G = 1/16 V/V × 1.25 V/V or G = 1/8 V/V × 1.25 V/V
0x23
GAIN_CAL20
0b001x
0
1
Additional gain error for G = 1/4 V/V × 1.25 V/V or G = 1/2 V/V × 1.25 V/V
0x24
GAIN_CAL21
0b010x
0
1
Additional gain error for G = 1 V/V × 1.25 V/V or G = 2 V/V × 1.25 V/V
0x25
GAIN_CAL22
0b011x
0
1
Additional gain error for G = 4 V/V × 1.25 V/V or G = 8 V/V × 1.25 V/V
0x26
GAIN_CAL23
0b100x
0
1
Additional gain error for G = 16 V/V × 1.25 V/V or G = 32 V/V × 1.25 V/V
0x27
GAIN_CAL24
0b101x
0
1
Additional gain error for G = 64 V/V × 1.25 V/V or G = 128 V/V × 1.25 V/V
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com