Electronic Components Datasheet Search
  English  ▼

X  

TLUG240 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TLUG240
Description  Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUG240 Datasheet(HTML) 7 Page - Vishay Siliconix

  TLUG240 Datasheet HTML 1Page - Vishay Siliconix TLUG240 Datasheet HTML 2Page - Vishay Siliconix TLUG240 Datasheet HTML 3Page - Vishay Siliconix TLUG240 Datasheet HTML 4Page - Vishay Siliconix TLUG240 Datasheet HTML 5Page - Vishay Siliconix TLUG240 Datasheet HTML 6Page - Vishay Siliconix TLUG240 Datasheet HTML 7Page - Vishay Siliconix TLUG240 Datasheet HTML 8Page - Vishay Siliconix TLUG240 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLUG240., TLUO240., TLUY240.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 15-Sep-2021
7
Document Number: 83053
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
REEL DIMENSIONS in millimeters
Fig. 20 - Reel
TAPE
Fig. 21 - LED in Tape
95 11262
Drawing-No.: 6.544-5052.01-4
Issue: 1; 12.10.95
Identification label:
355
90
30
48
45
52 max.
948641
Vishay/type/group/tape code/production code/quantity
Paper
Adhesive tape
Identification label
Reel
Tape
Diodes: anode before cathode
Phototransistors: emitter before collector
Code 21
Diodes:
cathode before anode
Phototransistors:
collector before emitter
Code 12
94 8671



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com