Electronic Components Datasheet Search
  English  ▼

X  

TLUG240 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLUG240
Description  Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUG240 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLUG240 Datasheet HTML 1Page - Vishay Siliconix TLUG240 Datasheet HTML 2Page - Vishay Siliconix TLUG240 Datasheet HTML 3Page - Vishay Siliconix TLUG240 Datasheet HTML 4Page - Vishay Siliconix TLUG240 Datasheet HTML 5Page - Vishay Siliconix TLUG240 Datasheet HTML 6Page - Vishay Siliconix TLUG240 Datasheet HTML 7Page - Vishay Siliconix TLUG240 Datasheet HTML 8Page - Vishay Siliconix TLUG240 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLUG240., TLUO240., TLUY240.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 15-Sep-2021
2
Document Number: 83053
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) In one packing unit IVmin./IVmax.
≤ 0.5
(2) Not for new designs
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLUO240., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLUO2400 (2)
IV
1.6
11
-
mcd
TLUO2401
IV
410
20
mcd
Dominant wavelength
IF = 10 mA
λd
612
618
625
nm
Peak wavelength
IF = 10 mA
λp
-630
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 20
-
°
Forward voltage
IF = 20 mA
VF
-2
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLUY240., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLUY2400
IV
18
-
mcd
TLUY2401
IV
2.5
6
12.5
mcd
Dominant wavelength
IF = 10 mA
λd
581
586
594
nm
Peak wavelength
IF = 10 mA
λp
-585
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 20
-
°
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLUG240., GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLUG2400
IV
1.6
10
-
mcd
TLUG2401
IV
412
20
mcd
Dominant wavelength
IF = 10 mA
λd
562
568
575
nm
Peak wavelength
IF = 10 mA
λp
-565
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 20
-
°
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com