Electronic Components Datasheet Search
  English  ▼

X  

TLUG240 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLUG240
Description  Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUG240 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLUG240 Datasheet HTML 1Page - Vishay Siliconix TLUG240 Datasheet HTML 2Page - Vishay Siliconix TLUG240 Datasheet HTML 3Page - Vishay Siliconix TLUG240 Datasheet HTML 4Page - Vishay Siliconix TLUG240 Datasheet HTML 5Page - Vishay Siliconix TLUG240 Datasheet HTML 6Page - Vishay Siliconix TLUG240 Datasheet HTML 7Page - Vishay Siliconix TLUG240 Datasheet HTML 8Page - Vishay Siliconix TLUG240 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLUG240., TLUO240., TLUY240.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 15-Sep-2021
3
Document Number: 83053
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
These type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each bag (there will be no mixing of two groups on each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one bag.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
L1
2
M1.6
3.2
N2.5
5
P4
8
Q
6.3
12.5
R10
20
S16
32
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLOW
GREEN
MIN.
MAX.
MIN.
MAX.
1
581
584
-
-
2
583
586
-
-
3
585
588
562
565
4
587
590
564
567
5
589
592
566
569
6
591
594
568
571
7
-
-
570
573
8
-
-
572
575
0
5
10
15
20
25
30
35
40
0
1020 3040 5060 7080 90 100
T
amb - Ambient Temperature (°C)
18841
red, yellow, green
0.01
0.1
1
10
1
10
100
1000
10 000
t
p - Pulse Length (ms)
100
95 10093
green, yellow
orange, red
t
p/T = 0.01
0.02
0.05
0.1
0.2
1
0.5
T
amb ≤ 55 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com