Electronic Components Datasheet Search
  English  ▼

X  

ADCMXL3021 Datasheet(PDF) 44 Page - Analog Devices

Part # ADCMXL3021
Description  Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMXL3021 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADCMXL3021 Datasheet HTML 40Page - Analog Devices ADCMXL3021 Datasheet HTML 41Page - Analog Devices ADCMXL3021 Datasheet HTML 42Page - Analog Devices ADCMXL3021 Datasheet HTML 43Page - Analog Devices ADCMXL3021 Datasheet HTML 44Page - Analog Devices ADCMXL3021 Datasheet HTML 45Page - Analog Devices ADCMXL3021 Datasheet HTML 46Page - Analog Devices ADCMXL3021 Datasheet HTML 47Page - Analog Devices ADCMXL3021 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
ADcmXL3021
Data Sheet
Rev. A | Page 44 of 50
TIME_STAMP_L AND TIME_STAMP_H, DATA
RECORD TIMESTAMP
The TIME_STAMP_L (see Table 104 and Table 105) and
TIME_STAMP_H (see Table 106 and Table 107) registers contain a
relative timestamp for the most recent data capture event.
Table 104. TIME_STAMP_L Register Definition
Addresses
Default
Access
Flash Backup
0x4C, 0x4D
0x0000
R
Not applicable
Table 105. TIME_STAMP_L Bit Descriptions
Bits
Description
[15:0]
Timestamp, seconds, lower word
Table 106. TIME_STAMP_H Register Definition
Addresses
Default
Access
Flash Backup
0x4E, 0x4F
0x0000
R
Not applicable
Table 107. TIME_STAMP_H Bit Descriptions
Bits
Description
[15:0]
Timestamp, seconds, upper word
DAY_REV, DAY AND REVISION
The DAY_REV (see Table 108 and Table 109) contains part of the
factory programming date (day) and the revision of the firmware.
Table 108. DAY_REV Register Definition
Addresses
Default
Access
Flash Backup
0x52, 0x53
Not applicable
R
Not applicable
Table 109. DAY_REV Bit Descriptions
Bits
Description
[15:12]
Day of the month, most significant digit
[11:8]
Day of the month, least significant digit
[7:4]
Firmware revision, most significant digit
[3:0]
Firmware revision, least significant digit
YEAR_MON, YEAR AND MONTH
The YEAR_MON (see Table 110 and Table 111) contains the
factory programming date (month and year).
Table 110. YEAR_MON Register Definition
Addresses
Default
Access
Flash Backup
0x54, 0x55
Not applicable
R
Not applicable
Table 111. YEAR_MON Bit Descriptions
Bits
Description
[15:12]
Year, most significant digit
[11:8]
Year, least significant digit
[7:4]
Month of the year, most significant digit
[3:0]
Month of the year, least significant digit
PROD_ID, PRODUCT IDENTIFICATION
The PROD_ID (see Table 112 and Table 113) register contains the
numerical portion of the model number.
Table 112. PROD_ID Register Definition
Addresses
Default
Access
Flash Backup
0x56, 0x57
0x0BCD
R
Not applicable
Table 113. PROD_ID Bit Descriptions
Bits
Description
[15:0]
Binary representation of the numerical portion of the
model number: 0x0BCD = 3,021
SERIAL_NUM, SERIAL NUMBER
The SERIAL_NUM (see Table 114 and Table 115) contains the
serial number of the unit, within a particular manufacturing lot.
Table 114. SERIAL_NUM Register Definition
Addresses
Default
Access
Flash Backup
0x58, 0x59
Not applicable
R
Not applicable
Table 115. SERIAL_NUM Bit Descriptions
Bits
Description
[15:0]
Lot specific serial number
USER_SCRATCH
The USER_SCRATCH register allows end users to store a device
number to identify the sensor. The register is readable and
writable. The last written value is nonvolatile, which allows data
recovery upon reset.
Table 116. USER_SCRATCH Register Definition
Addresses
Default
Access
Flash Backup
0x5A, 0x5B
Not applicable
R/W
Yes
Table 117. USER_SCRATCH Bit Descriptions
Bits
Description
[15:0]
Optional user ID
REC_FLASH_CNT, RECORD FLASH ENDURANCE
The REC_FLASH_CNT (see Table 118 and Table 119) provides a
tool for tracking the endurance of the flash memory bank, which
support the 10 record storage locations. The value in the
REC_FLASH_CNT register increments after clearing the user
record (GLOB_CMD) and each time the record storage fills up
(tenth location contains event data)
Table 118. REC_FLASH_CNT Register Definition
Addresses
Default
Access
Flash Backup
0x5C, 0x5D
Not applicable
R
Not applicable
Table 119. REC_FLASH_CNT Bit Descriptions
Bits
Description
[15:0]
Endurance counter for the record flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com